Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0272A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0272A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0272A
Download  TC0272A Download
File Size   286.75 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 403.55 MHz SMD3X3 mm

TC0272A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0272A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0272A
Download  TC0272A Click to download

File Size   286.75 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 403.55 MHz SMD3X3 mm

TC0272A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0272A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0270A TAI-SAW-TC0270A Datasheet
333Kb / 5P
SAW Resonator 649.046 MHz SMD 3X3 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0274A TAI-SAW-TC0274A Datasheet
351Kb / 5P
SAW Resonator 315 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TC0274A GOLLEDGE-TC0274A Datasheet
303Kb / 6P
SAW Resonator: 315.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0274AW3114 TAI-SAW-TC0274AW3114 Datasheet
466Kb / 6P
315 MHz SMD 3.0 x 3.0 mm SAW Resonator
REV. NO.1
More results


Similar Description - TC0272A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2120A RFM-RO2120A Datasheet
100Kb / 2P
403.55 MHz SAW Resonator
logo
Vanlong Technology Co.,...
SQ403 VANLONG-SQ403 Datasheet
121Kb / 2P
403.55 MHz Two-Port SAW Resonator
SR5501 VANLONG-SR5501 Datasheet
93Kb / 2P
403.55 MHz One Port SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TD0111A TAI-SAW-TD0111A Datasheet
215Kb / 3P
SAW Resonator 403.55 MHz TO39
TC0279A TAI-SAW-TC0279A Datasheet
245Kb / 5P
SAW Resonator 433.9 MHz SMD5.0X5.0 mm
TC0280A TAI-SAW-TC0280A Datasheet
332Kb / 5P
SAW Resonator 455 MHz SMD3.8X3.8 mm
logo
Murata Manufacturing Co...
RO3120A MURATA-RO3120A Datasheet
391Kb / 2P
403.55 MHz SAW Resonator
RO3120C MURATA-RO3120C Datasheet
395Kb / 2P
403.55 MHz SAW Resonator
RO3300E MURATA-RO3300E Datasheet
99Kb / 2P
403.55 MHz SAW Resonator
RO3300E MURATA-RO3300E_15 Datasheet
207Kb / 2P
403.55 MHz SAW Resonator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com