Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0481A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0481A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0481A
Download  TC0481A Download
File Size   460.67 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 418MHz SMD 5.0X3.5 mm

TC0481A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0481A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0481A
Download  TC0481A Click to download

File Size   460.67 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 418MHz SMD 5.0X3.5 mm

TC0481A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0481A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0483A TAI-SAW-TC0483A Datasheet
404Kb / 6P
SAW Resonator 768.407 MHz SMD 3.0X3.0 mm
More results


Similar Description - TC0481A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP418R SIPAT-SP418R Datasheet
80Kb / 2P
418MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
SAW Resonator 418 MHz SMD 5X5 mm
TC0307A TAI-SAW-TC0307A Datasheet
284Kb / 5P
SAW Resonator 622.018MHz SMD 3.8X3.8 mm
TC0337A TAI-SAW-TC0337A Datasheet
261Kb / 6P
SAW Resonator 1GHz SMD 3.8X3.8 mm
TC0465A TAI-SAW-TC0465A Datasheet
360Kb / 7P
SAW Resonator 316.2 MHz SMD 5.0X3.5 mm
TC0466A TAI-SAW-TC0466A Datasheet
358Kb / 6P
SAW Resonator 435.2 MHz SMD 5.0X3.5 mm
TC0528A TAI-SAW-TC0528A Datasheet
407Kb / 6P
SAW Resonator 1000MHz SMD 3.0X3.0 mm
TC0177A TAI-SAW-TC0177A Datasheet
315Kb / 4P
SAW Resonator 804.681 MHz SMD 3.8X3.8 mm
TC0194A TAI-SAW-TC0194A Datasheet
327Kb / 4P
SAW Resonator 433.420 MHz SMD 3.8X3.8 mm
logo
SIPAT Co,Ltd
SP418R SIPAT-SP418R Datasheet
81Kb / 2P
418MHz SAW Resonator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com