Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR3J-T3 Datasheet (PDF) - Won-Top Electronics

FR3J-T3 Datasheet PDF - Won-Top Electronics
Part # FR3J-T3
Download  FR3J-T3 Download
File Size   46.99 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER

FR3J-T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR3J-T3 Datasheet PDF - Won-Top Electronics

Part # FR3J-T3
Download  FR3J-T3 Click to download

File Size   46.99 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER

FR3J-T3 Datasheet (HTML) - Won-Top Electronics


FR3J-T3 Product details

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 100A Peak
● Low Power Loss
● Fast Recovery Time
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - FR3J-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR3J-T3 WTE-FR3J-T3 Datasheet
52Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
FR3J-T3 WTE-FR3J-T3 Datasheet
52Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
September, 2019
More results


Similar Description - FR3J-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3A DIODES-RS3A_1 Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
TAITRON Components Inco...
RS3A TAITRON-RS3A Datasheet
148Kb / 4P
3.0A Surface Mount Fast Recovery Rectifier
logo
Daya Electric Group Co....
RS3A DAYA-RS3A Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A_10 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 11 - 2
RS3G-13 DIODES-RS3G-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3MB-13 DIODES-RS3MB-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
SUNMATE electronic Co.,...
RS3A SUNMATE-RS3A Datasheet
165Kb / 2P
3.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
Shenzhen Yixinwei Techn...
RS3AB YIXIN-RS3AB Datasheet
143Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com