Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US6X5 Datasheet (PDF) - Rohm

US6X5 Datasheet PDF - Rohm
Part # US6X5
Download  US6X5 Download
File Size   76.42 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low frequency amplifier (12V, 2A)

US6X5 Datasheet (PDF)

Go To PDF Page Download Datasheet
US6X5 Datasheet PDF - Rohm

Part # US6X5
Download  US6X5 Click to download

File Size   76.42 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low frequency amplifier (12V, 2A)

US6X5 Datasheet (HTML) - Rohm




Similar Part No. - US6X5

ManufacturerPart #DatasheetDescription
logo
Rohm
US6X5 ROHM-US6X5 Datasheet
69Kb / 3P
Low frequency amplifier
More results


Similar Description - US6X5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
37Kb / 2P
Low Frequency Transistor (50V, 2A)
2SC5585 ROHM-2SC5585 Datasheet
69Kb / 3P
Low frequency transistor (12V, 0.5A)
2SB1697 ROHM-2SB1697 Datasheet
103Kb / 3P
Low Frequency Amplifier (-12V, -2A)
2SD2661 ROHM-2SD2661 Datasheet
65Kb / 3P
Low frequency amplifier transistor(12V,2A)
US6T5 ROHM-US6T5_1 Datasheet
80Kb / 3P
Low frequency amplifier (-30V, -2A)
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
Low frequency amplifier (12V, 3A)
US6X4 ROHM-US6X4_1 Datasheet
75Kb / 3P
Low frequency amplifier (30V, 2A)
2SB1689 ROHM-2SB1689_13 Datasheet
368Kb / 7P
PNP -1.5A -12V Low Frequency Amplifier Transistors
2SB1689T106 ROHM-2SB1689T106 Datasheet
368Kb / 7P
PNP -1.5A -12V Low Frequency Amplifier Transistors
2SA2030 ROHM-2SA2030_15 Datasheet
1Mb / 12P
Low frequency transistor(-12V, -500mA)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com