Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5004 Datasheet (PDF) - Won-Top Electronics

LD5004 Datasheet PDF - Won-Top Electronics
Part # LD5004
Download  LD5004 Download
File Size   24.63 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 50A 10mm LUCAS TYPE PRESS-FIT DIODE

LD5004 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD5004 Datasheet PDF - Won-Top Electronics

Part # LD5004
Download  LD5004 Click to download

File Size   24.63 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 50A 10mm LUCAS TYPE PRESS-FIT DIODE

LD5004 Datasheet (HTML) - Won-Top Electronics


LD5004 Product details

Features

 Diffused Junction

 Low Leakage

 Low Cost

 High Surge Current Capability

 Typical IR less than 20µA



Mechanical Data

 Case: All Copper Case and Components Hermetically Sealed

 Terminals: Contact Areas Readily Solderable

 Polarity: Cathode to Case(Reverse Units Are Available Upon Request and Are Designated By An “R” Suffix, i.e. LD5002R or LD5004R)

 Polarity: Red Color Equals Standard, Black Color Equals Reverse Polarity

 Mounting Position: Any




Similar Part No. - LD5004

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LD50 BANNER-LD50 Datasheet
756Kb / 9P
Laser Contrast Sensor
logo
LightGraphix
LD50 LIGHTGRAPHIX-LD50 Datasheet
1Mb / 5P
LED PATH LIGHT
24 March 2026
logo
LightKey Optoelectronic...
LD5011AB LIGHTKEY-LD5011AB Datasheet
151Kb / 3P
0.50 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
0.50 inch Single Digit 7 Segment LED Display
LD5011AD LIGHTKEY-LD5011AD Datasheet
151Kb / 3P
0.50 inch Single Digit 7 Segment LED Display
More results


Similar Description - LD5004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD2500 WTE-LD2500 Datasheet
24Kb / 2P
25A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
35A LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520 Datasheet
29Kb / 2P
25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_14 Datasheet
32Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520_14 Datasheet
31Kb / 2P
25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_14 Datasheet
32Kb / 2P
35A LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com