Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA54 Datasheet (PDF) - Won-Top Electronics

SA54 Datasheet PDF - Won-Top Electronics
Part # SA54
Download  SA54 Download
File Size   68.13 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 500W TRANSIENT VOLTAGE SUPPRESSORS

SA54 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA54 Datasheet PDF - Won-Top Electronics

Part # SA54
Download  SA54 Click to download

File Size   68.13 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 500W TRANSIENT VOLTAGE SUPPRESSORS

SA54 Datasheet (HTML) - Won-Top Electronics




Similar Part No. - SA54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA54 PANJIT-SA54 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Bytes
SA54 BYTES-SA54 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA54 DCCOM-SA54 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA54 EIC-SA54 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SA54 MCC-SA54 Datasheet
431Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Similar Description - SA54

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6102 SEMTECH-1N6102 Datasheet
111Kb / 3P
500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA180 WTE-SA180 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1N6102 NJSEMI-1N6102 Datasheet
151Kb / 1P
500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Frontier Electronics.
SAC5.0 FRONTIER-SAC5.0 Datasheet
127Kb / 3P
LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SA FORMOSA-SA Datasheet
166Kb / 7P
500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
UN Semiconducctor INC
SA UNSEMI-SA Datasheet
3Mb / 7P
5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SACA UNSEMI-SACA Datasheet
2Mb / 4P
5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com