Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR22 Datasheet (PDF) - Won-Top Electronics

SR22 Datasheet PDF - Won-Top Electronics
Part # SR22
Download  SR22 Download
File Size   47.55 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SR22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR22 Datasheet PDF - Won-Top Electronics

Part # SR22
Download  SR22 Click to download

File Size   47.55 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SR22 Datasheet (HTML) - Won-Top Electronics


SR22 Product details

Features
● Schottky Barrier Chip
● Ideally Suited for Automatic Assembly
● Low Power Loss, High Efficiency
● Surge Overload Rating to 50A Peak
● For Use in Low Voltage Application
● Guard Ring Die Construction
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - SR22

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR22 MOSPEC-SR22 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Pan Jit International I...
SR22 PANJIT-SR22 Datasheet
58Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SR22 TRSYS-SR22 Datasheet
173Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Monolithic Power System...
SR22 MPS-SR22 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
SR22 MPS-SR22 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
More results


Similar Description - SR22

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com