Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS110 Datasheet (PDF) - Silicon Standard Corp.

SS110 Datasheet PDF - Silicon Standard Corp.
Part # SS110
Download  SS110 Download

File Size   195.21 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Schottky Barrier Rectifiers

SS110 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS110 Datasheet PDF - Silicon Standard Corp.

Part # SS110
Download  SS110 Click to download

File Size   195.21 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Schottky Barrier Rectifiers

SS110 Datasheet (HTML) - Silicon Standard Corp.

SS110 Datasheet HTML 1Page - Silicon Standard Corp. SS110 Datasheet HTML 2Page - Silicon Standard Corp. SS110 Datasheet HTML 3Page - Silicon Standard Corp.

SS110 Product details

FEATURES

• For surface mounted application

• Easy pick and place

• Metal to silicon rectifier, majority carrier conduction

• Low power loss, high efficiency

• High current capability, low VF

• High surge current capability

• Plastic material used carriers Underwriters

• Laboratory Classification 94V-0

• Epitaxial construction

• High temperature soldering: 260 °C/ 10 seconds at terminals



 




Similar Part No. - SS110

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
SS110 YENYO-SS110 Datasheet
335Kb / 3P
   1.0A Schottky Barrier Rectifiers
logo
Surge Components
SS110 SURGE-SS110 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
SAMYANG ELECTRONICS CO....
SS110 SAMYANG-SS110 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS110 DGNJDZ-SS110 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SS110 EIC-SS110 Datasheet
54Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SS110

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com