Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF3A Datasheet (PDF) - Won-Top Electronics

UF3A Datasheet PDF - Won-Top Electronics
Part # UF3A
Download  UF3A Download
File Size   50.98 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT ULTRA FAST RECTIFIER

UF3A Datasheet (PDF)

Go To PDF Page Download Datasheet
UF3A Datasheet PDF - Won-Top Electronics

Part # UF3A
Download  UF3A Click to download

File Size   50.98 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT ULTRA FAST RECTIFIER

UF3A Datasheet (HTML) - Won-Top Electronics


UF3A Product details

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 100A Peak
● Low Power Loss
● Ultra-Fast Recovery Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - UF3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF3A PANJIT-UF3A Datasheet
75Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
UF3A SURGE-UF3A Datasheet
86Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 3.0 Ampere????
logo
Transys Electronics
UF3A TRSYS-UF3A Datasheet
180Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Dc Components
UF3A DCCOM-UF3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Won-Top Electronics
UF3A WTE-UF3A Datasheet
56Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results


Similar Description - UF3A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
ES3DB-13 DIODES-ES3DB-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
SUNMATE electronic Co.,...
US3A SUNMATE-US3A Datasheet
330Kb / 2P
3.0A Surface Mount Ultra-Fast Rectifier
logo
Diodes Incorporated
US3M DIODES-US3M_15 Datasheet
469Kb / 5P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 5
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US3AF GXELECTRONICS-US3AF Datasheet
442Kb / 2P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com