Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24164 Datasheet (PDF) - Xicor Inc.

X24164 Datasheet PDF - Xicor Inc.
Part # X24164
Download  X24164 Download
File Size   60.03 Kbytes
Page   14 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Serial E2PROM

X24164 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24164 Datasheet PDF - Xicor Inc.

Part # X24164
Download  X24164 Click to download

File Size   60.03 Kbytes
Page   14 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Serial E2PROM

X24164 Datasheet (HTML) - Xicor Inc.


X24164 Product details

DESCRIPTION
The X24164 is a CMOS 16,384 bit serial E2PROM, internally organized 2048 x 8. The X24164 features a serial interface and software protocol allowing operation on a simple two wire bus.

FEATURES
• 2.7V to 5.5V Power Supply
• Low Power CMOS
    —Active Read Current Less Than 1 mA
    —Active Write Current Less Than 3 mA
    —Standby Current Less Than 50 µA
• Internally Organized 2048 x 8
• 2 Wire Serial Interface
    —Bidirectional Data Transfer Protocol
• Sixteen Byte Page Write Mode
    —Minimizes Total Write Time Per Byte
• Self Timed Write Cycle
    —Typical Write Cycle Time of 5 ms
• High Reliability
    —Endurance: 100,000 Cycles
    —Data Retention: 100 Years
• Pin and Function Compatible with X24C16
• 8-Pin Plastic DIP and 8-Lead SOIC Packages




Similar Part No. - X24164

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165F ICMIC-X24165F Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165FG ICMIC-X24165FG Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24165FP ICMIC-X24165FP Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
More results


Similar Description - X24164

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
Serial E2PROM
X24042 XICOR-X24042 Datasheet
62Kb / 15P
Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
Serial E2PROM
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
Serial E2PROM
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
Serial E2PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com