Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8847Y Datasheet (PDF) - Maxim Integrated Products

MAX8847Y Datasheet PDF - Maxim Integrated Products
Part # MAX8847Y
Download  MAX8847Y Download
File Size   1730.02 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN

MAX8847Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8847Y Datasheet PDF - Maxim Integrated Products

Part # MAX8847Y
Download  MAX8847Y Click to download

File Size   1730.02 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN

MAX8847Y Datasheet (HTML) - Maxim Integrated Products


MAX8847Y Product details

General Description
The MAX8847Y/MAX8847Z negative charge pumps drive up to 6 white LEDs with regulated constant current for display backlight applications. By utilizing an inverting charge pump and extremely low-dropout adaptive current regulators, these ICs achieve very high efficiency over the full 1-cell Li+ battery voltage range even with large LED forward voltage mismatch. The 1MHz fixed-frequency switching allows for tiny external components. The regulation scheme is optimized to ensure low EMI and low input ripple. The MAX8847Y/MAX8847Z include thermal shutdown, open- and short-circuit protection.

Features
♦ Negative 1x/1.5x Charge Pump
♦ Adaptive Current Regulators
♦ Independent Voltage Supply for Each LED
♦ 24mA to 0.1mA Serial-Pulse Dimming (MAX8847Y)
♦ 24mA to 0mA PWM Dimming (MAX8847Z)
♦ 2% (max) LED Current Accuracy, 1% (typ) Matching
♦ Low 120µA Quiescent Current
♦ Low 0.4µA Shutdown Current
♦ Inrush Current Limit
♦ Temperature Derating Function
♦ 16-Pin, 3mm x 3mm Thin QFN Packages

Applications
   White LED Backlighting
   Cellular Phones
   PDAs, Digital Cameras, and Camcorders




Similar Part No. - MAX8847Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX884 MAXIM-MAX884 Datasheet
136Kb / 16P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
MAX884 MAXIM-MAX884 Datasheet
361Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX884 MAXIM-MAX884 Datasheet
507Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8840ELT MAXIM-MAX8840ELT Datasheet
366Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
More results


Similar Description - MAX8847Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1574 MAXIM-MAX1574 Datasheet
214Kb / 9P
180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN
19-3117; Rev 0; 12/03
MAX8630Y MAXIM-MAX8630Y Datasheet
249Kb / 12P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 1; 2/07
MAX8647 MAXIM-MAX8647 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 0; 4/07
MAX8630W MAXIM-MAX8630W Datasheet
242Kb / 12P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
Backlight and Flash Driver in QFN 3mm x 3mm
logo
Maxim Integrated Produc...
MAX8647_0709 MAXIM-MAX8647_0709 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 1; 9/07
MAX8822 MAXIM-MAX8822 Datasheet
251Kb / 15P
Ultra-Efficient Negative Charge-Pump LED Driver with Dual LDOs in 3mm x 3mm Thin QFN
Rev 0; 11/07
MAX8848Y MAXIM-MAX8848Y Datasheet
1Mb / 14P
High-Performance Negative Charge Pump for 7 White LEDs in 3mm x 3mm Thin QFN
19-5233; Rev 0; 4/10
MAX8630 MAXIM-MAX8630 Datasheet
248Kb / 12P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8608Y MAXIM-MAX8608Y Datasheet
400Kb / 11P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com