Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8900A Datasheet (PDF) - Maxim Integrated Products

MAX8900A Datasheet PDF - Maxim Integrated Products
Part # MAX8900A
Download  MAX8900A Download
File Size   5088.56 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring

MAX8900A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8900A Datasheet PDF - Maxim Integrated Products

Part # MAX8900A
Download  MAX8900A Click to download

File Size   5088.56 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring

MAX8900A Datasheet (HTML) - Maxim Integrated Products


MAX8900A Product details

General Description
The MAX8900_ is a high-frequency, switch-mode charger for a 1-cell lithium ion (Li+) or lithium polymer (Li-Poly) battery. It delivers up to 1.2A of current to the battery from 3.4V to 6.3V (MAX8900A/MAX8900C) or 3.4V to 8.7V (MAX8900B). The 3.25MHz switch-mode charger is ideally suited to small portable devices such as headsets and ultra-portable media players because it minimizes component size and heat.

Features
♦ 3.25MHz Switching Li+/Li-Poly Battery Charger
♦ JEITA Battery Temperature Monitor Adjusts Charge Current and Termination Voltage
♦ 4.2V ±0.5% Battery Regulation Voltage (Alternate 4.1V Target Available on Request)
♦ Adjustable Done Current Threshold Adjustable from 10mA to 200mA ±1mA Accuracy at 10mA
♦ High-Efficiency and Low Heat
♦ Uses a 2.0mm x 1.6mm Inductor
♦ Positive and Negative Input Voltage Protection (±22V)
♦ Up to +20V Operating Range (Alternate OVLO Ranges Available on Request)
♦ Supports No-Battery Operation
♦ Fault Timer
♦ Charge Status Outputs
♦ 2.44mm x 2.67mm x 0.64mm Package

Applications
    USB Charging
    Headsets and Media
    Players
    Smartphones
    Digital Cameras
    GPS, PND
    eBook




Similar Part No. - MAX8900A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8900A MAXIM-MAX8900A Datasheet
3Mb / 15P
Three Status LED Indicators
Rev 0; 4/10
MAX8900AEVKIT MAXIM-MAX8900AEVKIT Datasheet
3Mb / 15P
Three Status LED Indicators
Rev 0; 4/10
MAX8900AEVKIT+ MAXIM-MAX8900AEVKIT+ Datasheet
3Mb / 15P
Three Status LED Indicators
Rev 0; 4/10
MAX8900AEWV+T MAXIM-MAX8900AEWV+T Datasheet
4Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Rev 3; 1/11
MAX8900AEWV+T MAXIM-MAX8900AEWV+T Datasheet
3Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
More results


Similar Description - MAX8900A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3801 AD-ADP3801 Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
logo
Linear Technology
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
logo
Summit Microelectronics...
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A Datasheet
3Mb / 31P
Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
MAX8900A MAXIM-MAX8900A_11 Datasheet
4Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Rev 3; 1/11
logo
Texas Instruments
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
logo
Analog Devices
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com