Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR-5 Datasheet (PDF) - fujitsu semiconductor

VR-5 Datasheet PDF - fujitsu semiconductor
Part # VR-5
Download  VR-5 Download
File Size   98.63 Kbytes
Page   5 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)

VR-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
VR-5 Datasheet PDF - fujitsu semiconductor

Part # VR-5
Download  VR-5 Click to download

File Size   98.63 Kbytes
Page   5 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)

VR-5 Datasheet (HTML) - fujitsu semiconductor


VR-5 Product details

■ FEATURES

● UL, CSA, VDE recognized TV-5 rated

● 1 Form A (SPST-NO) contact

● Heavy duty 15 A miniature power relay with tab-terminals (#187)

● UL class B (130°C) insulation

● High isolation and high surge strength

   —Insulation distance: 8 mm

   —Dielectric strength: 5,000 VAC (between coil and contacts)

   —Surge strength: 10,000 V

● VRB type—good for high density mounting



 




Similar Part No. - VR-5

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR-51B SHINDENGEN-VR-51B Datasheet
313Kb / 2P
Varistor
More results


Similar Description - VR-5

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
POWER RELAY 1 POLE - 25A Heavy Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
POWER RELAY 1 POLE - 20A Heavy Load
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com