Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5366B Datasheet (PDF) - Diotech Company.

SMBJ5366B Datasheet PDF - Diotech Company.
Part # SMBJ5366B
Download  SMBJ5366B Download
File Size   733.98 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 5W SURFACE MOUNT SILICON ZENER DIODE

SMBJ5366B Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ5366B Datasheet PDF - Diotech Company.

Part # SMBJ5366B
Download  SMBJ5366B Click to download

File Size   733.98 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 5W SURFACE MOUNT SILICON ZENER DIODE

SMBJ5366B Datasheet (HTML) - Diotech Company.


SMBJ5366B Product details

5W SURFACE MOUNT SILICON ZENER DIODE

V Z : 3.3 - 200 Volts

P D : 5 Watts



FEATURES :

* Complete Voltage Range 3.3 to 200 Volts

* High peak reverse power dissipation

* High reliability

* Low leakage current




Similar Part No. - SMBJ5366B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5366B MCC-SMBJ5366B Datasheet
1Mb / 4P
5 Watt Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
SMBJ5366B MICROSEMI-SMBJ5366B Datasheet
242Kb / 3P
5 Watt Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
SMBJ5366B SYNSEMI-SMBJ5366B Datasheet
38Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SMBJ5366B EIC-SMBJ5366B Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
SMBJ5366B LUGUANG-SMBJ5366B Datasheet
285Kb / 3P
Surface Mount Silicon Zener Diodes
More results


Similar Description - SMBJ5366B

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
5W ZENER DIODE
DS21407 Rev. D-3
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
5W SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
5W ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
logo
DIYI Electronic Technol...
SMBJ5333A DYELEC-SMBJ5333A Datasheet
1Mb / 4P
5W Surface Mount Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
5W, 11V - 51V Surface Mount Silicon Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com