Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G34GW Datasheet (PDF) - NXP Semiconductors

74HC2G34GW Datasheet PDF - NXP Semiconductors
Part # 74HC2G34GW
Download  74HC2G34GW Download
File Size   86.28 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual buffer gate

74HC2G34GW Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2G34GW Datasheet PDF - NXP Semiconductors

Part # 74HC2G34GW
Download  74HC2G34GW Click to download

File Size   86.28 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual buffer gate

74HC2G34GW Datasheet (HTML) - NXP Semiconductors


74HC2G34GW Product details

General description

The 74HC2G34; 74HCT2G34 is a high-speed Si-gate CMOS device.

The 74HC2G34; 74HCT2G34 provides two buffers.



Features

Wide supply voltage range from 2.0 V to 6.0 V

Complies with JEDEC standard no. 7A

High noise immunity

ESD protection:

  HBM JESD22-A114-D exceeds 2000 V

  MM JESD22-A115-A exceeds 200 V

Low power dissipation

Balanced propagation delays

Unlimited input rise and fall times

Multiple package options

Specified from−40°Cto+85°C and−40°C to +125°C




Similar Part No. - 74HC2G34GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC2G34GW NEXPERIA-74HC2G34GW Datasheet
225Kb / 13P
Dual buffer gate
Rev. 2 - 3 February 2022
logo
TECH PUBLIC Electronics...
74HC2G34GW TECHPUBLIC-74HC2G34GW Datasheet
2Mb / 6P
DUAL BUFFER GATE
74HC2G34GW TECHPUBLIC-74HC2G34GW Datasheet
2Mb / 6P
DUAL BUFFER GATE
logo
Nexperia B.V. All right...
74HC2G34GW-Q100 NEXPERIA-74HC2G34GW-Q100 Datasheet
706Kb / 15P
Dual buffer gate
More results


Similar Description - 74HC2G34GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
DUAL BUFFER GATE
2004 Sep 10
logo
Texas Instruments
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
DUAL BUFFER GATE
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
Dual Buffer Gate
logo
Nexperia B.V. All right...
74LVC2G16 NEXPERIA-74LVC2G16 Datasheet
750Kb / 14P
Dual buffer gate
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
Dual buffer gate
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
Dual buffer gate
Rev. 12 - 20 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com