Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G06 Datasheet (PDF) - NXP Semiconductors

74LVC3G06 Datasheet PDF - NXP Semiconductors
Part # 74LVC3G06
Download  74LVC3G06 Download
File Size   101.6 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple inverter with open-drain output

74LVC3G06 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC3G06 Datasheet PDF - NXP Semiconductors

Part # 74LVC3G06
Download  74LVC3G06 Click to download

File Size   101.6 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple inverter with open-drain output

74LVC3G06 Datasheet (HTML) - NXP Semiconductors


74LVC3G06 Product details

General description

The 74LVC3G06 provides three inverting buffers.

The output of this device is an open drain and can be connected to other open-drain outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions.

Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this device in a mixed 3.3 V and 5 V environment.

Schmitt-trigger action at all inputs makes the circuit tolerant for slower input rise and fall time.



Features and benefits

- Wide supply voltage range from 1.65 V to 5.5 V

- 5 V tolerant input/output for interfacing with 5 V logic

- High noise immunity

- Complies with JEDEC standard:

  JESD8-7 (1.65 V to 1.95 V)

  JESD8-5 (2.3 V to 2.7 V)

  JESD8-B/JESD36 (2.7 V to 3.6 V)

- ESD protection:

  HBM JESD22-A114F exceeds 2000 V

  MM JESD22-A115-A exceeds 200 V

- −24 mA output drive (VCC = 3.0 V)

- CMOS low power consumption

- Latch-up performance exceeds 250 mA

- Direct interface with TTL levels

- Inputs accept voltages up to 5 V

- Multiple package options

- Specified from −40 °C to +85 °C and −40 °C to +125 °C



 




Similar Part No. - 74LVC3G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G06 PHILIPS-74LVC3G06 Datasheet
81Kb / 15P
Triple inverter with open-drain output
Rev. 03-01 February 2005
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC3G06 NEXPERIA-74LVC3G06 Datasheet
254Kb / 15P
Triple inverter with open-drain output
Rev. 15 - 20 April 2021
logo
NXP Semiconductors
74LVC3G06DC PHILIPS-74LVC3G06DC Datasheet
81Kb / 15P
Triple inverter with open-drain output
Rev. 03-01 February 2005
logo
Nexperia B.V. All right...
74LVC3G06DC NEXPERIA-74LVC3G06DC Datasheet
254Kb / 15P
Triple inverter with open-drain output
Rev. 15 - 20 April 2021
More results


Similar Description - 74LVC3G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G06 PHILIPS-74LVC3G06 Datasheet
81Kb / 15P
Triple inverter with open-drain output
Rev. 03-01 February 2005
logo
Toshiba Semiconductor
TC7WZ05FK TOSHIBA-TC7WZ05FK Datasheet
143Kb / 7P
Triple Inverter (open drain)
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
logo
NXP Semiconductors
74HC3G06 NXP-74HC3G06 Datasheet
92Kb / 13P
Triple inverter with open-drain outputs
Rev. 03-11 May 2009
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC3G06 NEXPERIA-74LVC3G06 Datasheet
254Kb / 15P
Triple inverter with open-drain output
Rev. 15 - 20 April 2021
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com