Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC934TA Datasheet (PDF) - Zetex Semiconductors

ZC934TA Datasheet PDF - Zetex Semiconductors
Part # ZC934TA
Download  ZC934TA Download
File Size   123.35 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SILICON 12V HYPERABRUPT VARACTOR DIODES

ZC934TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZC934TA Datasheet PDF - Zetex Semiconductors

Part # ZC934TA
Download  ZC934TA Click to download

File Size   123.35 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SILICON 12V HYPERABRUPT VARACTOR DIODES

ZC934TA Datasheet (HTML) - Zetex Semiconductors


ZC934TA Product details

Device Description
A range of silicon varactor diodes for use in frequency control and filtering. Featuring closely controlled CV characteristics and high Q. Low reverse current ensures very low phase noise performance. Available in single or dual common cathode format in a wide rage of miniature surface mount packages.

Features
• Close tolerance C-V characteristics
• Octave tuning from 0 to 6V
• Low IR (typically 200pA)
• Excellent phase noise performance
• High Q

Applications
• VCXO and TCXO
• Wireless communications
• Pagers
• Mobile radio




Similar Part No. - ZC934TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC934TA ZETEX-ZC934TA Datasheet
75Kb / 7P
SILICON 12V HYPERABRUPT VARACTOR DIODES
More results


Similar Description - ZC934TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
Silicon 25V hyperabrupt varactor diodes
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
SILICON 12V HYPERABRUPT VARACTOR DIODES
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
GaAs Varactor Diodes Hyperabrupt
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
GaAs Hyperabrupt Varactor Diodes
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
GaAs Hyperabrupt Varactor Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com