Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431 Datasheet (PDF) - Zetex Semiconductors

ZHT431 Datasheet PDF - Zetex Semiconductors
Part # ZHT431
Download  ZHT431 Download
File Size   109.84 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ADJUSTABLE PRECISION ZENER SHUNT REGULATOR

ZHT431 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHT431 Datasheet PDF - Zetex Semiconductors

Part # ZHT431
Download  ZHT431 Click to download

File Size   109.84 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ADJUSTABLE PRECISION ZENER SHUNT REGULATOR

ZHT431 Datasheet (HTML) - Zetex Semiconductors


ZHT431 Product details

DEVICE DESCRIPTION

The ZHT431 is a three terminal adjustable shunt regulator offering excellent temperature stability and output current handling capability up to 100mA. The device offers extended operating temperature range working from -55 to +125°C. The output voltage may be set to any chosen voltage between 2.5 and 20 volts by selection of two external divider resistors.

The devices can be used as a replacement for zener diodes in many applications requiring an improvement in zener performance.



FEATURES

• Surface mount SO8, SOT89, SOT223 and SOT23 packages

• TO92 package

• 2% and 1% tolerance

• Maximum temperature coefficient 67 ppm/°C

• Temperature compensated for operation over the full temperature range

• Programmable output voltage

• 50µA to 100mA current sink capability

• Low output noise

• Wide temperature range -55 to +125°C



APPLICATIONS

• Series and Shunt regulator

• Voltage monitor

• Over voltage/ under voltage protection

• Switch mode power supplies



 




Similar Part No. - ZHT431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHT431 ZETEX-ZHT431 Datasheet
483Kb / 12P
Adjustable precision Zener shunt regulator
logo
Diodes Incorporated
ZHT431 DIODES-ZHT431 Datasheet
114Kb / 8P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 11
ZHT431 DIODES-ZHT431 Datasheet
314Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 12
logo
Zetex Semiconductors
ZHT431C01L ZETEX-ZHT431C01L Datasheet
483Kb / 12P
Adjustable precision Zener shunt regulator
ZHT431C01STOB ZETEX-ZHT431C01STOB Datasheet
483Kb / 12P
Adjustable precision Zener shunt regulator
More results


Similar Description - ZHT431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
FEBRUARY 1998
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com