Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE Datasheet (PDF) - Littelfuse

P4KE Datasheet PDF - Littelfuse
Part # P4KE
Download  P4KE Download
File Size   145.27 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

P4KE Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE Datasheet PDF - Littelfuse

Part # P4KE
Download  P4KE Click to download

File Size   145.27 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

P4KE Datasheet (HTML) - Littelfuse


P4KE Product details

Description

The P4KE Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.



Features

• Halogen-free

• Rohs compliant

• Typical maximum temperature coefficient

• ΔVBR =0.1%xVBR@25°C x ΔT

• Glass passivated Chip junction in P600 package

• 400W peak pulse capadility at 10x1000μs waveform,repetition rate (duty cycles):0.01%

• Fast response time:typically less than 1.0ps from 0 Volts to BV min

• Excellent clamping capability

• Low incremental surge resistance

• Typical IR less than 5μA above 11V

• High temperature soldering guaranteed: 260°C/40 seconds / 0.375”, (9.5mm) lead length, 5lbs., (2.3kg)tension

• Plastic package has underwriters laboratory flammability classification 94v-0

• Matte Tin Lead–free plated



Applications

  TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications.



 




Similar Part No. - P4KE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE WTE-P4KE Datasheet
67Kb / 5P
400W TRANSIENT BOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
P4KE RECTRON-P4KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Similar Description - P4KE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
20KPA LITTELFUSE-20KPA Datasheet
131Kb / 5P
Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
Transient Voltage Suppression Diodes
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SMB10J YINT-SMB10J Datasheet
632Kb / 4P
Transient Voltage Suppression Diodes
SM5S YINT-SM5S Datasheet
385Kb / 3P
Transient Voltage Suppression Diodes
8KP YINT-8KP Datasheet
675Kb / 4P
Transient Voltage Suppression Diodes
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com