Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG3210 Datasheet (PDF) - Zetex Semiconductors

ZNBG3210 Datasheet PDF - Zetex Semiconductors
Part # ZNBG3210
Download  ZNBG3210 Download
File Size   387.69 Kbytes
Page   16 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION

ZNBG3210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZNBG3210 Datasheet PDF - Zetex Semiconductors

Part # ZNBG3210
Download  ZNBG3210 Click to download

File Size   387.69 Kbytes
Page   16 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION

ZNBG3210 Datasheet (HTML) - Zetex Semiconductors


ZNBG3210 Product details

DEVICE DESCRIPTION
The ZNBG series of devices are designed to meet the bias requirements of GaAs and HEMT FETs commonly used in satellite receiver LNBs, PMR cellular telephones etc. with a minimum of external components.
With the addition of two capacitors and a resistor the devices provide drain voltage and current control for three external grounded source FETs, generating the regulated negative rail required for FET gate biasing whilst operating from a single supply. This negative bias, at -3 volts, can also be used to supply other external circuits.
The ZNBG3210/11 includes bias circuits to drive up to three external FETs. A control input to the device selects either one of two FETs as operational using 0V gate switching methodology, the third FET is permanently active. This feature is particularly used as an LNB polarisation switch. Also specific to LNB applications is the enhanced 22kHz tone detection and logic output feature which is used to enable high and low band frequency switching. The detector has been specifically designed to reject inerference such as low frequency signals and DiSEqC tone bursts - without the use of additional external components.
Drain current setting of the ZNBG3210/11 is user selectable over the range 0 to 15mA, this is achieved with the addition of a single resistor. The series also offers the choice of FET drain voltage, the 3210 gives 2.2 volts drain whilst the 3211 gives 2 volts.
These devices are unconditionally stable over the full working temperature with the FETs in place, subject to the inclusion of the recommended gate and drain capacitors. These ensure RF stability and minimal injected noise.
It is possible to use less than the devices full complement of FET bias controls, unused drain and gate connections can be left open circuit without affecting operation of the remaining bias circuits.
In order to protect the external FETs the circuits have been designed to ensure that, under any conditions including power up/down transients, the gate drive from the bias circuits cannot exceed the range -3.5V to 1V. Furthermore if the negative rail experiences a fault condition, such as overload or short circuit, the drain supply to the FETs will shut down avoiding excessive current flow.
The ZNBG3210/11 are available in QSOP20 for the minimum in device size. Device operating temperature is -40 to 70°C to suit a wide range of environmental conditions.

FEATURES
• Provides bias for GaAs and HEMT FETs
• Drives up to three FETs
• Dynamic FET protection
• Drain current set by external resistor
• Regulated negative rail generator
   requires only 2 external capacitors
• Choice in drain voltage
• Wide supply voltage range
• Polarisation switch for LNBs -
   supporting zero volt gate switching
   topology.
• 22kHz tone detection for band switching
• Compliant with ASTRA control
   specifications
• QSOP surface mount package

APPLICATIONS
• Satellite receiver LNBs
• Private mobile radio (PMR)
• Cellular telephones




Similar Part No. - ZNBG3210

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
FET BIAS CONTROLLER WITH POLARISATION
FEBRUARY 2000
More results


Similar Description - ZNBG3210

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Aimtron Technology
AT1511 AIMTRON-AT1511 Datasheet
276Kb / 9P
FET BIAS CONTROLLER AND TONE DETECTION
AT1512 AIMTRON-AT1512 Datasheet
351Kb / 11P
FET BIAS CONTROLLER AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
FET BIAS CONTROLLER WITH POLARISATION
OCTOBER 1998
ZNBG3115 DIODES-ZNBG3115 Datasheet
614Kb / 15P
FET BIAS CONTROLLER WITH POLARISATION
JUNE 2006
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
FEBRUARY 2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com