Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT138X Datasheet (PDF) - NXP Semiconductors

BT138X Datasheet PDF - NXP Semiconductors
Part # BT138X
Download  BT138X Download
File Size   93.77 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 A four-quadrant triacs, sensitive gate

BT138X Datasheet (PDF)

Go To PDF Page Download Datasheet
BT138X Datasheet PDF - NXP Semiconductors

Part # BT138X
Download  BT138X Click to download

File Size   93.77 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 A four-quadrant triacs, sensitive gate

BT138X Datasheet (HTML) - NXP Semiconductors


BT138X Product details

General description
Passivated sensitive gate triac in a SOT186A full pack plastic package.

Features
Very sensitive gate
Direct interfacing to logic level ICs
Isolated mounting base nHigh isolation voltage
Gate triggering in four quadrants
Direct interfacing to low power gate drive circuits

Applications
General purpose switching and phase control
230 V lamp dimmers




Similar Part No. - BT138X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138X PHILIPS-BT138X Datasheet
54Kb / 7P
Triacs
September 1997 Rev 1.200
BT138X PHILIPS-BT138X Datasheet
51Kb / 6P
Triacs sensitive gate
September 1997 Rev 1.200
BT138X-500 PHILIPS-BT138X-500 Datasheet
54Kb / 7P
Triacs
September 1997 Rev 1.200
BT138X-500E PHILIPS-BT138X-500E Datasheet
51Kb / 6P
Triacs sensitive gate
September 1997 Rev 1.200
BT138X-500E PHILIPS-BT138X-500E Datasheet
55Kb / 6P
Triacs sensitive gate
September 1997 Rev 1.200
More results


Similar Description - BT138X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
NXP Semiconductors
BT138 NXP-BT138 Datasheet
89Kb / 12P
12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
BT138Y NXP-BT138Y Datasheet
89Kb / 12P
12 A four-quadrant triacs, sensitive gate, insulated
Rev. 01-3 June 2008
BT236X NXP-BT236X Datasheet
87Kb / 12P
6 A Four-quadrant triacs
Rev. 02-14 March 2006
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com