Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH7A404 Datasheet (PDF) - NXP Semiconductors

LH7A404 Datasheet PDF - NXP Semiconductors
Part # LH7A404
Download  LH7A404 Download
File Size   1118.98 Kbytes
Page   75 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-Bit System-on-Chip

LH7A404 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH7A404 Datasheet PDF - NXP Semiconductors

Part # LH7A404
Download  LH7A404 Click to download

File Size   1118.98 Kbytes
Page   75 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-Bit System-on-Chip

LH7A404 Datasheet (HTML) - NXP Semiconductors


LH7A404 Product details

DESCRIPTION
The advent of 3G technology opens up a wide range of multimedia applications in mobile information appliances. The LH7A404 is designed from the ground up with a 32-bit ARM922 Core to provide high processing performance, low power consumption, and a high level of integration. Features include 80 kB on-chip SRAM, fully static design, power management unit, low voltage (1.8 V Core, 3.3 V I/O) and on-chip PLL.

FEATURES
• 32-bit ARM9TDMI™ RISC Core
   – 16 kB Cache: 8 kB Instruction and 8 kB Data Cache
   – MMU (Windows CE™ Enabled)
   – Up to 266 MHz; See Table 1 for speed options
• 80 kB On-Chip Static RAM
• Vectored Interrupt Controller
• External Bus Interface
   – Up to 133 MHz; See Table 1 for bus speed options
   – Asynchronous and Synchronous interface RAM,
      Flash, PC Card and CompactFlash
• Clock and Power Management
   – 32.768 kHz and 14.7456 MHz Oscillators
   – Programmable PLL
• Programmable LCD Controller
   – Up to 1,024 × 768 Resolution
   – Supports STN, Color STN, AD-TFT, HR-TFT, TFT
   – Up to 64 K-Colors and 15 Gray Shades
• 9 Channel, 10-bit A/D Converter
   – Touch Screen Controller
   – Brownout Detector
• DMA (12 Channels)
   – External DMA Channels
   – AC97
   – MMC
   – USB
• USB 2.0 Full Speed Host (two downstream ports)
• USB 2.0 Full Speed Device
• Synchronous Serial Port (SSP)
   – Motorola SPI™, Texas Instruments SSI, National
      Semiconductor MICROWIRE™
• On-board Boot ROM
   – Variety of Boot Modes: external ROM, NAND
      Flash, Serial EEPROM, or XMODEM
• PS/2 Keyboard/Mouse Interface (KMI)
• Three Programmable Timers
• Three UARTs, one with Classic IrDA (115 kbit/s)
• Smart Card Interface (ISO7816)
• Four Pulse Width Modulators (PWMs)
• MultiMediaCard Interface with Secure Digital
   (MMC 2.11/SD 1.0)
• AC97 Codec Interface
• Smart Battery Monitor Interface
• Real Time Clock (RTC)
• Up to 64 General Purpose I/O Channels
• Watchdog Timer
• JTAG Debug Interface and Boundary Scan
• Operating Voltage
   – 1.8 V (200 MHz), 2.1 V (266 MHz) Core
   – 3.3 V Input/Output (Except XTALIN is 1.8 V)
• 5 V Tolerant Digital Inputs (excludes oscillator pins)
   – Oscillator pins T19, T20, Y18, Y19: 1.8 V ± 10 %
• Operating Temperature: -40°C to +85°C
• 324-Ball LFBGA Package




Similar Part No. - LH7A404

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH7A404 SHARP-LH7A404 Datasheet
387Kb / 51P
32 BIT SYSTEM ON CHIP
More results


Similar Description - LH7A404

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SHARP_LH7A404 SHARP-SHARP_LH7A404 Datasheet
387Kb / 51P
32 BIT SYSTEM ON CHIP
LH7A400 SHARP-LH7A400 Datasheet
446Kb / 53P
32-Bit System-on-Chip
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH7A400 NXP-LH7A400 Datasheet
842Kb / 65P
32-Bit System-on-Chip
Rev. 01-16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
02-Oct-2013
logo
Renesas Technology Corp
EC-1 RENESAS-EC-1 Datasheet
758Kb / 58P
On-chip 32-bit ARM Cortex-R4F processor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com