Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5140V Datasheet (PDF) - NXP Semiconductors

PBSS5140V Datasheet PDF - NXP Semiconductors
Part # PBSS5140V
Download  PBSS5140V Download
File Size   273.98 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V low VCEsat PNP transistor

PBSS5140V Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5140V Datasheet PDF - NXP Semiconductors

Part # PBSS5140V
Download  PBSS5140V Click to download

File Size   273.98 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V low VCEsat PNP transistor

PBSS5140V Datasheet (HTML) - NXP Semiconductors


PBSS5140V Product details

DESCRIPTION
PNP low VCE sat transistor in a SOT666 plastic package. NPN complement: PBSS4140V.

FEATURES
• 300 mW total power dissipation
• Very small 1.6 mm × 1.2 mm × 0.55 mm ultra thin package
• Improved thermal behaviour due to flat leads
• Self alignment during soldering due to straight leads
• Low collector-emitter saturation voltage
• High current capability

APPLICATIONS
• General purpose switching and muting
• LCD back lighting
• Supply line switching circuits
• Battery driven equipment (mobile phones, video cameras and hand-held devices).




Similar Part No. - PBSS5140V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5140V PHILIPS-PBSS5140V Datasheet
47Kb / 8P
40 V low VCEsat PNP transistor
2002 Mar 20
logo
Nexperia B.V. All right...
PBSS5140V NEXPERIA-PBSS5140V Datasheet
466Kb / 8P
40 V low VCEsat PNP transistor
2002 Mar 20
More results


Similar Description - PBSS5140V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5140T PHILIPS-PBSS5140T Datasheet
68Kb / 9P
40 V low VCEsat PNP transistor
2004 Jan 07
PBSS5240V PHILIPS-PBSS5240V Datasheet
82Kb / 12P
40 V low VCEsat PNP transistor
2003 Jan 30
PBSS3540F PHILIPS-PBSS3540F Datasheet
62Kb / 8P
40 V low VCEsat PNP transistor
2001 Jul 13
PBSS5240V NXP-PBSS5240V Datasheet
368Kb / 9P
40 V low VCEsat PNP transistor
2003 Jan 30
PBSS5240Y NXP-PBSS5240Y Datasheet
125Kb / 7P
40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V_15 Datasheet
368Kb / 9P
40 V low VCEsat PNP transistor
2003 Jan 30
PBSS5240Y PHILIPS-PBSS5240Y_15 Datasheet
125Kb / 7P
40 V low VCEsat PNP transistor
2002 Feb 28
logo
Nexperia B.V. All right...
PBSS5140V NEXPERIA-PBSS5140V Datasheet
466Kb / 8P
40 V low VCEsat PNP transistor
2002 Mar 20
PBSS5240Y NEXPERIA-PBSS5240Y Datasheet
324Kb / 8P
40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5540Z-Q NEXPERIA-PBSS5540Z-Q Datasheet
222Kb / 10P
40 V low VCEsat PNP transistor
30 November 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com