| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PDTA123T
|
83Kb / 10P |
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009 |
|
PDTA123Y
|
123Kb / 18P |
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009 |
|
PEMB20
|
71Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009 |
|
PEMD30
|
84Kb / 11P |
NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-31 March 2006 |
|
PEMB20_PUMB20
|
71Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009 |
|
PEMB30_PUMB30
|
76Kb / 10P |
PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009 |
 Nexperia B.V. All right... |
PEMB20
|
71Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009 |
|
PDTA123T_SER
|
198Kb / 11P |
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009 |
|
PEMB30
|
191Kb / 11P |
PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 2 September 2009 |
|
PEMD30
|
83Kb / 11P |
NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006 |