Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG1020EA Datasheet (PDF) - NXP Semiconductors

PMEG1020EA Datasheet PDF - NXP Semiconductors
Part # PMEG1020EA
Download  PMEG1020EA Download
File Size   65.16 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2 A ultra low VF MEGA Schottky barrier rectifier

PMEG1020EA Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG1020EA Datasheet PDF - NXP Semiconductors

Part # PMEG1020EA
Download  PMEG1020EA Click to download

File Size   65.16 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2 A ultra low VF MEGA Schottky barrier rectifier

PMEG1020EA Datasheet (HTML) - NXP Semiconductors


PMEG1020EA Product details

General description

Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in SOD323 (SC-76) very small Surface-Mounted Device (SMD) plastic package.



Features

Forward current: IF≤2A

Reverse voltage: VR≤10 V

Ultra low forward voltage

Very small SMD plastic package



Applications

Low voltage rectification

High efficiency DC-to-DC conversion

Switch Mode Power Supply (SMPS)

Reverse polarity protection

Low power consumption applications




Similar Part No. - PMEG1020EA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1020EA PHILIPS-PMEG1020EA Datasheet
54Kb / 8P
Ultra low VFMEGA Schottky barrier diode
2003 Mar 07
logo
Nexperia B.V. All right...
PMEG1020EA NEXPERIA-PMEG1020EA Datasheet
180Kb / 10P
2 A ultra low VF MEGA Schottky barrier rectifier
Rev. 04 - 30 December 2008
logo
NXP Semiconductors
PMEG1020EA PHILIPS-PMEG1020EA_15 Datasheet
65Kb / 9P
2 A ultra low VF MEGA Schottky barrier rectifier
Rev. 04-30 December 2008
More results


Similar Description - PMEG1020EA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4020ER NXP-PMEG4020ER Datasheet
101Kb / 13P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-22 October 2009
PMEG3020BER NXP-PMEG3020BER Datasheet
99Kb / 13P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG3020EP NXP-PMEG3020EP Datasheet
98Kb / 13P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 September 2009
PMEG3020EPA NXP-PMEG3020EPA Datasheet
161Kb / 13P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 December 2009
PMEG6020EPA PHILIPS-PMEG6020EPA Datasheet
164Kb / 14P
2 A low VF MEGA Schottky barrier rectifier
Rev. 2-17 June 2010
PMEG4020EPA NXP-PMEG4020EPA Datasheet
161Kb / 13P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 December 2009
PMEG1020EA PHILIPS-PMEG1020EA_15 Datasheet
65Kb / 9P
2 A ultra low VF MEGA Schottky barrier rectifier
Rev. 04-30 December 2008
PMEG3020CEP PHILIPS-PMEG3020CEP_15 Datasheet
98Kb / 13P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-30 December 2008
logo
Nexperia B.V. All right...
PMEG6020EPA NEXPERIA-PMEG6020EPA Datasheet
277Kb / 15P
2 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 17 June 2010
PMEG1020EA NEXPERIA-PMEG1020EA Datasheet
180Kb / 10P
2 A ultra low VF MEGA Schottky barrier rectifier
Rev. 04 - 30 December 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com