Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM64P03XTA Datasheet (PDF) - Zetex Semiconductors

ZXM64P03XTA Datasheet PDF - Zetex Semiconductors
Part # ZXM64P03XTA
Download  ZXM64P03XTA Download
File Size   205.17 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 30V P-CHANNEL ENHANCEMENT MODE MOSFET

ZXM64P03XTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXM64P03XTA Datasheet PDF - Zetex Semiconductors

Part # ZXM64P03XTA
Download  ZXM64P03XTA Click to download

File Size   205.17 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 30V P-CHANNEL ENHANCEMENT MODE MOSFET

ZXM64P03XTA Datasheet (HTML) - Zetex Semiconductors


ZXM64P03XTA Product details

SUMMARY

V(BR)DSS=-30V; RDS(ON)=0.075 ID=-3.8A



DESCRIPTION

This new generation of high density MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage, power management applications.



FEATURES

• Low on-resistance

• Fast switching speed

• Low threshold

• Low gate drive

• Low profile SOIC package



APPLICATIONS

• DC - DC converters

• Power management functions

• Disconnect switches

• Motor control




Similar Part No. - ZXM64P03XTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03XTA ZETEX-ZXM64P03XTA Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64P03XTA DIODES-ZXM64P03XTA Datasheet
338Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Similar Description - ZXM64P03XTA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP32D5LFA DIODES-DMP32D5LFA_15 Datasheet
359Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com