| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
SC16C752B
|
225Kb / 47P |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004 |
|
SC16C750B
|
216Kb / 44P |
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004 |
|
SC16C550B
|
229Kb / 47P |
5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004 |
|
SC16C754B
|
259Kb / 50P |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005 |
|
SC16C2550B
|
211Kb / 43P |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007 |
|
SC16C550B
|
239Kb / 48P |
5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008 |
|
SC16C752B
|
226Kb / 47P |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008 |
|
SC16C754B
|
252Kb / 51P |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008 |
|
SC16C751B
|
159Kb / 32P |
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008 |
|
SC16C2552B
|
188Kb / 38P |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009 |