| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
SC16C852L
|
284Kb / 60P |
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007 |
|
SC16C852V
|
253Kb / 54P |
Dual UART with 128-byte FIFOs, IrDA, and XScale VLIO bus interface
Rev. 03-15 October 2007 |
|
SC16C850
|
253Kb / 53P |
2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008 |
|
SC16C850V
|
216Kb / 47P |
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008 |
|
SC16C852L
|
299Kb / 63P |
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 03-18 January 2008 |
|
SC16C850L
|
253Kb / 54P |
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007 |
|
SC16C850SV
|
228Kb / 46P |
1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008 |
|
SC16C852SV
|
232Kb / 48P |
1.8 V dual UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-23 September 2008 |
|
SC16C652B
|
219Kb / 43P |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev.04-1 September 2005 |
|
SC16C850SV
|
987Kb / 48P |
1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011 |