Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRD1000 Datasheet (PDF) - Zetex Semiconductors

ZXRD1000 Datasheet PDF - Zetex Semiconductors
Part # ZXRD1000
Download  ZXRD1000 Download
File Size   287.15 Kbytes
Page   28 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS

ZXRD1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXRD1000 Datasheet PDF - Zetex Semiconductors

Part # ZXRD1000
Download  ZXRD1000 Click to download

File Size   287.15 Kbytes
Page   28 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS

ZXRD1000 Datasheet (HTML) - Zetex Semiconductors


ZXRD1000 Product details

DESCRIPTION
The ZXRD1000 series provides complete control and protection functions for a high efficiency (> 95%) DC-DC converter solution. The choice of external MOSFETs allow the designer to size devices according to application. The ZXRD1000 series uses advanced DC-DC converter techniques to provide synchronous drive capability, using
innovative circuits that allow easy and cost effective implementation of shoot through protection.

FEATURES
• > 95% Efficiency
• Fixed frequency (adjustable) PWM
• Voltage mode to ensure excellent stability &
transient response
• Low quiescent current in shutdown mode,15µA
• Low battery flag
• Output down to 2.0V
• Overload protection
• Demonstration boards available
• Synchronous or non-synchronous operation
• Cost effective solution
• N or P channel MOSFETs
• QSOP16 package
• Fixed 3.3, 5V and adjustable outputs
• Programmable soft start

APPLICATIONS
• High efficiency 5 to 3.3V converters up to 4A
• Sub-notebook computers
• Embedded processor power supply
• Distributed power supply
• Portable instruments
• Local on card conversion
• GPS systems




Similar Part No. - ZXRD1000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRD1000 DIODES-ZXRD1000 Datasheet
292Kb / 28P
HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
OCTOBER 2000
More results


Similar Description - ZXRD1000

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
PWM Controlled Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
PWM Controlled Step-Down DC/DC Controllers
logo
Diodes Incorporated
ZXRD1000 DIODES-ZXRD1000 Datasheet
292Kb / 28P
HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
OCTOBER 2000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com