Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL41050 Datasheet (PDF) - List of Unclassifed Manufacturers

IL41050 Datasheet PDF - List of Unclassifed Manufacturers
Part # IL41050
Download  IL41050 Download
File Size   143.79 Kbytes
Page   10 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Isolated High-Speed CAN Transceiver

IL41050 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL41050 Datasheet PDF - List of Unclassifed Manufacturers

Part # IL41050
Download  IL41050 Click to download

File Size   143.79 Kbytes
Page   10 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Isolated High-Speed CAN Transceiver

IL41050 Datasheet (HTML) - List of Unclassifed Manufacturers


IL41050 Product details

[NVE Corporation]

Description
The IL41050 is a galvanically isolated, high-speed CAN (Controller Area Network) transceiver, designed as the interface between the CAN protocol controller and the physical bus. The IL41050 provides isolated differential transmit capability to the bus and isolated differential receive capability to the CAN controller via NVE’s patented* IsoLoop spintronic Giant Magnetoresistance (GMR) technology.

Features
• Single-chip isolated CAN/DeviceNet transceiver
• Fully compliant with the ISO 11898 CAN standard
• Best-in-class loop delay (180 ns typ.)
• 3.0 V to 5.5 V input power supplies
• >110-node fan-out
• High speed (up to 1 Mbps)
• 2,500 VRMS isolation (1 minute)
• Very low Electromagnetic Emission (EME)
• Differential signaling for excellent Electromagnetic Immunity (EMI)
• 30 kV/µs transient immunity
• Silent mode to disable transmitter
• Unpowered nodes do not disturb the bus
• Transmit data (TxD) dominant time-out function
• Edge triggered, non-volatile input improves noise performance
• Bus pin transient protection for automotive environment
• Thermal shutdown protection
• Short-circuit protection for ground and bus power
• −55°C to +125°C operating temperature
• 0.15" and 0.3" and 16-pin JEDEC-standard SOIC packages
• UL1577 and IEC 61010-2001 approved

Applications
• Noise-critical CAN
• Partially-powered CAN
• DeviceNet
• Factory automation




Similar Part No. - IL41050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL41050 ETC2-IL41050 Datasheet
161Kb / 10P
Isolated High-Speed CAN Transceiver
logo
NVE Corporation
IL41050TA NVE-IL41050TA Datasheet
754Kb / 20P
High-Speed, Low-Power Isolated CAN Transceiver
IL41050TA-1E NVE-IL41050TA-1E Datasheet
754Kb / 20P
High-Speed, Low-Power Isolated CAN Transceiver
IL41050TA-1E TR13 NVE-IL41050TA-1E TR13 Datasheet
754Kb / 20P
High-Speed, Low-Power Isolated CAN Transceiver
IL41050TA-1E TR7 NVE-IL41050TA-1E TR7 Datasheet
754Kb / 20P
High-Speed, Low-Power Isolated CAN Transceiver
More results


Similar Description - IL41050

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
Isolated High-Speed CAN Transceiver
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com