Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB140 Datasheet (PDF) - Zowie Technology Corporation

SB140 Datasheet PDF - Zowie Technology Corporation
Part # SB140
Download  SB140 Download
File Size   49.05 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SCHOTTKY BARRIER RECTIFIER

SB140 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB140 Datasheet PDF - Zowie Technology Corporation

Part # SB140
Download  SB140 Click to download

File Size   49.05 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SCHOTTKY BARRIER RECTIFIER

SB140 Datasheet (HTML) - Zowie Technology Corporation


SB140 Product details

Reverse Voltage - 20 to 90 Volts
Forward Current - 1.0 Ampere

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classifications 94V-0
* Metal silicon junction, majority carrier conduction
* Guardring for overvoltage protection
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* High surge capability
* For use in low voltage, high frequency inverters,
   free wheeling, and polarity protection applications
* High temperature soldering guaranteed :
   260°C / 10 seconds, 0.375" (9.5mm) lead length,
   5 lbs. (2.3kg) tension




Similar Part No. - SB140

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB140 PANJIT-SB140 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SB140 TRSYS-SB140 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB140 WTE-SB140 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB140 SSE-SB140 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB140 DIODES-SB140 Datasheet
74Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
DS23022 Rev. 4 - 2
More results


Similar Description - SB140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com