Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRS505 Datasheet (PDF) - Power-One

CRS505 Datasheet PDF - Power-One
Part # CRS505
Download  CRS505 Download
File Size   45.89 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 1/2 WATT

CRS505 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRS505 Datasheet PDF - Power-One

Part # CRS505
Download  CRS505 Click to download

File Size   45.89 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 1/2 WATT

CRS505 Datasheet (HTML) - Power-One


CRS505 Product details

DESCRIPTION
CRS DC/DC converters offer excellent regulation and isolation in an industry standard DIP package. Available in 5 or 12 Volt input versions, the CRS is perfect for industrial and EDP applications. The CRS features short circuit protection and 500 VDC isolation. Please see the CRD series for dual output applications.

FEATURES
• 5V and 12V Inputs
• Input Pi Filter
• Regulated Output
• 500V Isolation
• Industry Standard Package
• Industry Standard Pinout
• 85°C Case Operation
• Short Circuit Protection




Similar Part No. - CRS505

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
CRS50 HOKURIKU-CRS50 Datasheet
267Kb / 2P
Sulfurization-proof Chip Resistor
logo
VITROHM
CRS500 VITROHM-CRS500 Datasheet
731Kb / 4P
Precision Wirewound Resistors
Revision: 202201
More results


Similar Description - CRS505

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
1/2 - Watt HFET
logo
First Components Intern...
1N5221 FCI-1N5221 Datasheet
159Kb / 3P
1/2 Watt ZENER DIODES
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
1/2 Watt ZENER DIODES
logo
Recom International Pow...
RAC01-3.3SC RECOM-RAC01-3.3SC Datasheet
123Kb / 2P
1 - 2 Watt Single Output
logo
RSG Electronic Componen...
RR4-S08-D08 RSG-RR4-S08-D08 Datasheet
155Kb / 3P
8 Watt 2:1 regulated
logo
List of Unclassifed Man...
HW9D1 ETC2-HW9D1 Datasheet
892Kb / 1P
1/2 WATT METAL
HW222 ETC2-HW222 Datasheet
892Kb / 1P
1/2 WATT METAL
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
1/2 Watt and 1/4 Watt, 6mm dia. shaft
logo
Recom International Pow...
RAC01-C RECOM-RAC01-C Datasheet
81Kb / 2P
1 - 2 Watt Single Output
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
1/2 Watt ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com