Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-512CW Datasheet (PDF) - Rohm

SML-512CW Datasheet PDF - Rohm
Part # SML-512CW
Download  SML-512CW Download
File Size   134.1 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High Brightness Type

SML-512CW Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-512CW Datasheet PDF - Rohm

Part # SML-512CW
Download  SML-512CW Click to download

File Size   134.1 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High Brightness Type

SML-512CW Datasheet (HTML) - Rohm


SML-512CW Product details

SML-51 Series

1608(0603)
1.6× 0.8mm(t=0.55mm)

Features
• Original device technology enables high brightness and high reliability
• High reliability due to the wide operation
   temperature(-40℃ to +100℃) (SML-512(A) Series)




Similar Part No. - SML-512CW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-512CW ROHM-SML-512CW Datasheet
167Kb / 3P
Original device technology enables high brightness and high reliability
SML-512CW ROHM-SML-512CW Datasheet
1Mb / 4P
Original device technology enables high brightness
SML-512CW ROHM-SML-512CW Datasheet
1Mb / 4P
Original device technology enables high brightness and high reliability
SML-512CW ROHM-SML-512CW Datasheet
1Mb / 4P
Original device technology enables high brightness and high reliability
SML-512CW(A) ROHM-SML-512CW(A) Datasheet
1Mb / 4P
SML-51 Series
More results


Similar Description - SML-512CW

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
Single Color High Brightness Type
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
Single Color High Brightness Type
YBG1105W STANLEY-YBG1105W Datasheet
396Kb / 19P
Single Color High Brightness Type
FR1112H-TR STANLEY-FR1112H-TR Datasheet
372Kb / 20P
Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
Single Color High Brightness Type
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com