Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHS40ZE Datasheet (PDF) - Power-One

HHS40ZE Datasheet PDF - Power-One
Part # HHS40ZE
Download  HHS40ZE Download
File Size   67.98 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output

HHS40ZE Datasheet (PDF)

Go To PDF Page Download Datasheet
HHS40ZE Datasheet PDF - Power-One

Part # HHS40ZE
Download  HHS40ZE Click to download

File Size   67.98 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output

HHS40ZE Datasheet (HTML) - Power-One


HHS40ZE Product details

Description
The HHS40 is a series of high-density Halfbrick size, High-current, Single-output DC/DC converters with through-hole mounting. The products provide on-board conversion of standard Telecom and Datacom input voltages to isolated, precisely regulated low output voltages. Very high efficiency and superior thermal design enable the products to deliver full rated power at 55° C with 300 LFM or 45° C with 200LFM forced air without addition of a heatsink. Such level of performance is presently not matched by other 40A rated products on the market.

Features
• Open frame design with Insulated Metal Substrate
• Low profile – 12.7 mm height
• Input/output isolation: 1500VDC, meets basic insulation requirements
• Efficiency in excess of 90%
• Output back-drive capability
• Low conducted and radiated EMI
• Output over-current protection
• Output over-voltage protection
• Over-temperature protection
• Remote sense
• Set point accuracy ± 2%
• Remote on/off (primary referenced), positive or negative logic
• Output voltage trim, positive or negative
• UL 1950 Recognition, CSA 22.2 No. 950-95 certification, TUV IEC950

Applications
• Distributed power architectures
• Telecommunications equipment
• LAN/WAN applications
• Data processing applications




Similar Part No. - HHS40ZE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HHS LITTELFUSE-HHS Datasheet
355Kb / 5P
Hard Start Kit
2022
logo
Tyco Electronics
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
Hybrid Junction 5 - 200 MHz
HHS-109 MACOM-HHS-109 Datasheet
125Kb / 2P
Hybrid Junction, 5 - 200 MHz
logo
M/A-COM Technology Solu...
HHS-109 MA-COM-HHS-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HHS-109PIN MACOM-HHS-109PIN Datasheet
84Kb / 2P
Hybrid Junction 5 - 200 MHz
More results


Similar Description - HHS40ZE

ManufacturerPart #DatasheetDescription
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
HHD20ZGE POWER-ONE-HHD20ZGE Datasheet
99Kb / 2P
HHD25 Series . 20/25A, Half-Brick DC/DC Converter 24V/48V Input Dual Output
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
TLD20ZGE POWER-ONE-TLD20ZGE Datasheet
74Kb / 2P
TLD Series . 20/25A, 쩐-Brick, DC/DC Converter 48V Input Dual Output
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
half-brick dc-dc converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com