Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT06-08SB Datasheet (PDF) - Amphenol Corporation

AT06-08SB Datasheet PDF - Amphenol Corporation
Part # AT06-08SB
Download  AT06-08SB Download
File Size   164.3 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Plug, 8 Way, Key B

AT06-08SB Datasheet (PDF)

Go To PDF Page Download Datasheet
AT06-08SB Datasheet PDF - Amphenol Corporation

Part # AT06-08SB
Download  AT06-08SB Click to download

File Size   164.3 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Plug, 8 Way, Key B

AT06-08SB Datasheet (HTML) - Amphenol Corporation




Similar Part No. - AT06-08SB

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AT06-08SB-OMBLK ASS-AT06-08SB-OMBLK Datasheet
604Kb / 3P
STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 8 SOCKET, AT SERIES
Rev. A3
AT06-08SB-OMBRN ASS-AT06-08SB-OMBRN Datasheet
604Kb / 3P
STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 8 SOCKET, AT SERIES
Rev. A3
AT06-08SB-OMGRN ASS-AT06-08SB-OMGRN Datasheet
604Kb / 3P
STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 8 SOCKET, AT SERIES
Rev. A3
AT06-08SB-OMGRY ASS-AT06-08SB-OMGRY Datasheet
604Kb / 3P
STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 8 SOCKET, AT SERIES
Rev. A3
AT06-08SB-OMRDBLK ASS-AT06-08SB-OMRDBLK Datasheet
604Kb / 3P
STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 8 SOCKET, AT SERIES
Rev. A3
More results


Similar Description - AT06-08SB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-08PA AMPHENOL-AT04-08PA Datasheet
637Kb / 1P
Recpt, 8 Way, Key A
AT04-08PA-EC01 AMPHENOL-AT04-08PA-EC01 Datasheet
633Kb / 1P
Recpt, 8 Way, Key A, End Cap
AT04-08PB AMPHENOL-AT04-08PB Datasheet
628Kb / 1P
Recpt, 8 Way, Key B
AT04-08PC AMPHENOL-AT04-08PC Datasheet
642Kb / 1P
Recpt, 8 Way, Key C
AT04-08PD AMPHENOL-AT04-08PD Datasheet
647Kb / 1P
Recpt, 8 Way, Key D
AT04-12PB AMPHENOL-AT04-12PB Datasheet
592Kb / 1P
Recpt, 12 Way, Enhanced B Key
AT06-08SA AMPHENOL-AT06-08SA Datasheet
169Kb / 1P
Plug, 8 Way, Key A
AT06-08SC AMPHENOL-AT06-08SC Datasheet
165Kb / 1P
Plug, 8 Way, Key C
AT06-08SD AMPHENOL-AT06-08SD Datasheet
177Kb / 1P
Plug, 8 Way, Key D
AT06-12SB AMPHENOL-AT06-12SB Datasheet
165Kb / 1P
Plug, 12 Way, Key B
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com