Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

282832-4 Datasheet (PDF) - Tyco Electronics

282832-4 Datasheet PDF - Tyco Electronics
Part # 282832-4
Download  282832-4 Download
File Size   103.51 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH

282832-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
282832-4 Datasheet PDF - Tyco Electronics

Part # 282832-4
Download  282832-4 Click to download

File Size   103.51 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH

282832-4 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 282832-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
282830-2 MACOM-282830-2 Datasheet
215Kb / 2P
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
282830-3 MACOM-282830-3 Datasheet
215Kb / 2P
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
282830-4 MACOM-282830-4 Datasheet
215Kb / 2P
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
282830-5 MACOM-282830-5 Datasheet
215Kb / 2P
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
282830-6 MACOM-282830-6 Datasheet
215Kb / 2P
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
More results


Similar Description - 282832-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1546019 MACOM-C-1546019 Datasheet
53Kb / 1P
TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1546214 MACOM-C-1546214 Datasheet
52Kb / 1P
TERMINAL BLOCK PIN HEADER, UNSHROUDED, 5.0mm PITCH
C-282833 MACOM-C-282833 Datasheet
41Kb / 1P
TERMINAL BLOCK PIN HEADER UNSHROUDED 10mm PITCH
C-284056 MACOM-C-284056 Datasheet
113Kb / 1P
TERMINAL BLOCK MULTIPLE HEADER, 180 STACKING W/INTERLOCK, 5.0mm PITCH
C-1546018 MACOM-C-1546018 Datasheet
98Kb / 1P
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
C-1546931 MACOM-C-1546931 Datasheet
124Kb / 1P
TERMINAL BLOCK, PIN HEADER, UNSHROUDED, HIGH TEMPERATURE, 5.0mm PITCH
C-1776489 MACOM-C-1776489 Datasheet
108Kb / 1P
HEADER, STRAIGHT, UNSHROUDED 5.0MM PITCH HIGH TEMP
C-1776708 MACOM-C-1776708 Datasheet
76Kb / 1P
TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-284052 MACOM-C-284052 Datasheet
45Kb / 1P
TERMINAL BLOCK MULTIPLE HEADER ASSEMBLY 90 ? STACKING W/INTERLOCK 5.0mm PITCH
C-1546173 MACOM-C-1546173 Datasheet
115Kb / 1P
TERMINAL BLOCK, PLUG, 90 DEGREE, STACKING, 5.0mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com