Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP140 Datasheet (PDF) - Power-One

MAP140 Datasheet PDF - Power-One
Part # MAP140
Download  MAP140 Download
File Size   575.65 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Universal Input 85-264 VAC

MAP140 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAP140 Datasheet PDF - Power-One

Part # MAP140
Download  MAP140 Click to download

File Size   575.65 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Universal Input 85-264 VAC

MAP140 Datasheet (HTML) - Power-One


MAP140 Product details

Description
Power-One’s MAP140 Series provides a full range of options and up to 30 watts more power than comparable products in this industry-standard footprint. With a universal input from 85 to 264 VAC and power densities up to 2.6 watts/inch3, the MAP140 meets the most rigorous requirements of commercial, industrial, and datacom systems.
Rated for use in convection and forced-air cooled (200 LFM) applications, the MAP140 delivers dependable power with a Mean Time Between Failures (MTBF) in excess of 180,000 hours. In addition to UL, CSA, and TÜV regulatory compliance, the MAP140 displays the CE Mark.

Features
• RoHS lead-solder-exempt compliant
• Universal input 85-264 VAC
• Input transient & ESD compliance to EN61000-4-2/-3/-4
• CE marked to Low Voltage Directive
• Industry-standard footprint: 7.00" x 4.30" x 1.80" (177.8mm x 109.2mm x 45.7mm)
• Remote sense and overvoltage protection
• Power Fail signal standard on MAP140-3000P, optional on MAP140-1012 and MAP140-1024
• Optional overtemperature protection, L-bracket, and cover




Similar Part No. - MAP140

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
logo
Power-One
MAP140-1012 POWER-ONE-MAP140-1012 Datasheet
198Kb / 4P
a full range of options and up to 30 watts more power than comparable products in this industry-standard footprint.
logo
Bel Fuse Inc.
MAP140-1012 BEL-MAP140-1012 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
logo
Power-One
MAP140-1024 POWER-ONE-MAP140-1024 Datasheet
198Kb / 4P
a full range of options and up to 30 watts more power than comparable products in this industry-standard footprint.
logo
Bel Fuse Inc.
MAP140-1024G BEL-MAP140-1024G Datasheet
821Kb / 5P
Universal Input 85-264 VAC
More results


Similar Description - MAP140

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
85 VAC to 264 VAC universal input range
logo
Powerbox
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
Universal Input: 90-264 VAC
AQFC480F_SERIES ARCH-AQFC480F_SERIES Datasheet
493Kb / 5P
Universal Input: 90-264 VAC
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
Universal Input 85-264 VAC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com