Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPB125 Datasheet (PDF) - Power-One

MPB125 Datasheet PDF - Power-One
Part # MPB125
Download  MPB125 Download

File Size   125.33 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description High Power Density in Industry Standard 3 x 5 Footprint

MPB125 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPB125 Datasheet PDF - Power-One

Part # MPB125
Download  MPB125 Click to download

File Size   125.33 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description High Power Density in Industry Standard 3 x 5 Footprint

MPB125 Datasheet (HTML) - Power-One

MPB125 Datasheet HTML 1Page - Power-One MPB125 Datasheet HTML 2Page - Power-One MPB125 Datasheet HTML 3Page - Power-One MPB125 Datasheet HTML 4Page - Power-One

MPB125 Product details

Description

The MPB125 Series incorporates patented high efficiency circuitry, high power density and active Power Factor Correction (PFC) to meet the requirements of networking and data communications systems, as well as commercial and industrial configurations.



Features

• RoHS lead free and lead-solder-exempt products are available

• High power density in an industry-standard 3" x 5" footprint

• Power Factor Correction (PFC) meets EN61000-3-2

• Main output remote sense

• Power Good signals

• CE marked to Low Voltage Directive

• Input transient & ESD compliance to EN61000-4-2/-3/-4/-5

• MTBF In excess of 1M hours based upon field data

• Optional remote on/off with 5V standby



 




Similar Part No. - MPB125

ManufacturerPart #DatasheetDescription
logo
Power-One
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
   Single-Output AC-DC
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
Bel Fuse Inc.
MPB125-2003DG BEL-MPB125-2003DG Datasheet
1Mb / 10P
   RoHS Lead Free and Lead-Solder-Exempt Products are Available
logo
Power-One
MPB125-2005 POWER-ONE-MPB125-2005 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
MPB125-2012 POWER-ONE-MPB125-2012 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
More results


Similar Description - MPB125

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMA212 XPPOWER-EMA212 Datasheet
177Kb / 2P
   Industry Standard 3 x 5 Footprint
logo
ETA-USA
ZME250-SX-F-W ETA-USA-ZME250-SX-F-W Datasheet
1Mb / 2P
   250W High Power density, 250W in 3" x 5" footprint
logo
Vishay Siliconix
VOM452 VISHAY-VOM452 Datasheet
143Kb / 9P
   Industry standard SOP-5 footprint
Rev. 1.6, 31-May-16
logo
Lumileds Lighting Compa...
L2C4-2795XS02F04B0 LUMILEDS-L2C4-2795XS02F04B0 Datasheet
2Mb / 14P
   Higher lumen density with industry standard footprint
20191013
L2C4-2780XS01F0400 LUMILEDS-L2C4-2780XS01F0400 Datasheet
2Mb / 15P
   Higher lumen density with industry standard footprint
20191012
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
logo
Lumileds Lighting Compa...
L2C4-2780XS01F0600 LUMILEDS-L2C4-2780XS01F0600 Datasheet
3Mb / 18P
   High efficacy with industry standard footprint
20191013
logo
Delta Electronics, Inc.
V48SH1R050NNFA DELTA-V48SH1R050NNFA Datasheet
984Kb / 16P
   Industry standard footprint and pinout
V48SC12007 DELTA-V48SC12007 Datasheet
1Mb / 17P
   Industry standard footprint and pinout
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com