Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OBD025ZGG Datasheet (PDF) - Power-One

OBD025ZGG Datasheet PDF - Power-One
Part # OBD025ZGG
Download  OBD025ZGG Download
File Size   76.9 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description DUAL OUTPUT, 25 WATT

OBD025ZGG Datasheet (PDF)

Go To PDF Page Download Datasheet
OBD025ZGG Datasheet PDF - Power-One

Part # OBD025ZGG
Download  OBD025ZGG Click to download

File Size   76.9 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description DUAL OUTPUT, 25 WATT

OBD025ZGG Datasheet (HTML) - Power-One


OBD025ZGG Product details

DESCRIPTION
OBD dual output DC/DC converters provide up to 25 Watts of output power in an industry standard package and footprint. These units feature excellent efficiency, six-sided shielding, and fixed switching frequency. With 100°C case operation, the OBD units are especially suited to telecom, networking, and industrial applications. These units are 100% surface-mount construction and fully compatible with production board washing processes.

FEATURES
• Industry Standard Package
• 48V Input
• Fixed-Frequency Design
• 100°C Case Operation
• Trim and Enable Pins
• Fixed Switching Frequency
• 1500V Isolation
• 6-Sided Shielding




Similar Part No. - OBD025ZGG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OBD-M-DB9-F-ES ETC2-OBD-M-DB9-F-ES Datasheet
228Kb / 12P
DB9 to OBD-II Adapter Cable
logo
Pepperl+Fuchs Inc.
OBD1000-R100-2EP-IO PF-OBD1000-R100-2EP-IO Datasheet
417Kb / 4P
Diffuse mode sensor
OBD1000-R100-2EP-IO-V31 PF-OBD1000-R100-2EP-IO-V31 Datasheet
444Kb / 4P
Diffuse mode sensor
OBD1000-R100-EP-IO-V3 PF-OBD1000-R100-EP-IO-V3 Datasheet
454Kb / 4P
Diffuse mode sensor
OBD1000-R101-2EP-IO PF-OBD1000-R101-2EP-IO Datasheet
455Kb / 4P
Diffuse mode sensor
More results


Similar Description - OBD025ZGG

ManufacturerPart #DatasheetDescription
logo
Power-One
OET020YEHH POWER-ONE-OET020YEHH Datasheet
93Kb / 3P
TRIPLE OUTPUT, 25 WATT
OWT1205 POWER-ONE-OWT1205 Datasheet
255Kb / 3P
TRIPLE OUTPUT, 25 WATT
logo
Phihong USA Inc.
PSA25L-033 PHIHONG-PSA25L-033 Datasheet
99Kb / 3P
25 Watt Single and Multiple Output
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
logo
Phihong USA Inc.
PSA25L-033 PHIHONG-PSA25L-033_14 Datasheet
78Kb / 3P
25 Watt Single and Multiple Output
logo
Recom International Pow...
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
25 Watt PFC Single Output
RACT25 RECOM-RACT25 Datasheet
389Kb / 5P
25 Watt TRIAC Dimmable Single Output
logo
CINCON ELECTRONICS Corp...
LDP25 CINCON-LDP25 Datasheet
219Kb / 3P
25 WATT OUTPUT LED POWER SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com