Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT157 Datasheet (PDF) - ON Semiconductor

74HCT157 Datasheet PDF - ON Semiconductor
Part # 74HCT157
Download  74HCT157 Download

File Size   138.65 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput Data Selectors / Multiplexers High?뭁erformance Silicon?묰ate CMOS

74HCT157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT157 Datasheet PDF - ON Semiconductor

Part # 74HCT157
Download  74HCT157 Click to download

File Size   138.65 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput Data Selectors / Multiplexers High?뭁erformance Silicon?묰ate CMOS

74HCT157 Datasheet (HTML) - ON Semiconductor

74HCT157 Datasheet HTML 1Page - ON Semiconductor 74HCT157 Datasheet HTML 2Page - ON Semiconductor 74HCT157 Datasheet HTML 3Page - ON Semiconductor 74HCT157 Datasheet HTML 4Page - ON Semiconductor 74HCT157 Datasheet HTML 5Page - ON Semiconductor 74HCT157 Datasheet HTML 6Page - ON Semiconductor 74HCT157 Datasheet HTML 7Page - ON Semiconductor 74HCT157 Datasheet HTML 8Page - ON Semiconductor 74HCT157 Datasheet HTML 9Page - ON Semiconductor

74HCT157 Product details

The 74HCT157 is identical in pinout to the LS157. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
This device routes 2 nibbles (A or B) to a single port (Y) as determined by the Select input. The data is presented at the outputs in noninverted form. A high level on the Output Enable input sets all four Y outputs to a low level.

Features
• Output Drive Capability: 10 LSTTL Loads
• TTL/NMOS−Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 A
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard No. 7A
• ESD Performance: HBM  2000 V; Machine Model  200 V
• Chip Complexity: 82 FETs or 20.5 Equivalent Gates
• These are Pb−Free Devices




Similar Part No. - 74HCT157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT157 PHILIPS-74HCT157 Datasheet
44Kb / 7P
   Quad 2-input multiplexer
December 1990
74HCT157 NXP-74HCT157 Datasheet
159Kb / 18P
   Quad 2-input multiplexer
Rev. 3-31 December 2010
logo
Nexperia B.V. All right...
74HCT157 NEXPERIA-74HCT157 Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
74HCT157-Q100 NEXPERIA-74HCT157-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
logo
NXP Semiconductors
74HCT157BQ NXP-74HCT157BQ Datasheet
159Kb / 18P
   Quad 2-input multiplexer
Rev. 3-31 December 2010
More results


Similar Description - 74HCT157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC08 ONSEMI-74HC08 Datasheet
126Kb / 7P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC02 ONSEMI-74HC02 Datasheet
121Kb / 7P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC32A ONSEMI-MC74HC32A_06 Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
MC74HC02A ONSEMI-MC74HC02A_06 Datasheet
145Kb / 8P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC08A ONSEMI-MC74HC08A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
74HC32 ONSEMI-74HC32 Datasheet
127Kb / 8P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC157A ONSEMI-MC74HC157A_05 Datasheet
115Kb / 10P
   Quad 2?묲nput Data Selectors / Multiplexers
June, 2005 ??Rev. 9
74HC86 ONSEMI-74HC86 Datasheet
129Kb / 8P
   Quad 2?묲nput Exclusive OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC86A ONSEMI-MC74HC86A_06 Datasheet
163Kb / 8P
   Quad 2?묲nput Exclusive OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com