Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU407G Datasheet (PDF) - ON Semiconductor

BU407G Datasheet PDF - ON Semiconductor
Part # BU407G
Download  BU407G Download
File Size   127.03 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Power Transistors

BU407G Datasheet (PDF)

Go To PDF Page Download Datasheet
BU407G Datasheet PDF - ON Semiconductor

Part # BU407G
Download  BU407G Click to download

File Size   127.03 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Power Transistors

BU407G Datasheet (HTML) - ON Semiconductor


BU407G Product details

NPN SILICON POWER TRANSISTORS 7 AMPERES − 60 WATTS 150 AND 200 VOLTS

These devices are high voltage, high speed transistors for horizontal deflection output stages of TV’s and CRT’s.

Features
• High Voltage: VCEV = 330 or 400 V
• Fast Switching Speed: tf = 750 ns (max)
• Low Saturation Voltage: VCE(sat) = 1 V (max) @ 5 A
• Pb−Free Packages are Available*




Similar Part No. - BU407G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU407G ONSEMI-BU407G Datasheet
87Kb / 3P
NPN Power Transistors
November, 2014 ??Rev. 11
logo
Unisonic Technologies
BU407G-X-TA3-T UTC-BU407G-X-TA3-T Datasheet
140Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
BU407G-X-TA3-T UTC-BU407G-X-TA3-T Datasheet
140Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - BU407G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
NPN power transistors
1998 May 29
logo
Continental Device Indi...
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
NPN POWER TRANSISTORS
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
NPN power transistors
10-Jul-2007
logo
New Jersey Semi-Conduct...
2N4115 NJSEMI-2N4115 Datasheet
143Kb / 1P
NPN POWER TRANSISTORS
2N4915 NJSEMI-2N4915 Datasheet
134Kb / 1P
NPN POWER TRANSISTORS
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
NPN POWER TRANSISTORS
DT44TD NJSEMI-DT44TD Datasheet
169Kb / 2P
NPN POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com