Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-874L Datasheet (PDF) - Tyco Electronics

A-874L Datasheet PDF - Tyco Electronics
Part # A-874L
Download  A-874L Download
File Size   76.41 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-874L 3PST, 335 Amps, 200 VAC, 400 Hz

A-874L Datasheet (PDF)

Go To PDF Page Download Datasheet
A-874L Datasheet PDF - Tyco Electronics

Part # A-874L
Download  A-874L Click to download

File Size   76.41 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-874L 3PST, 335 Amps, 200 VAC, 400 Hz

A-874L Datasheet (HTML) - Tyco Electronics




Similar Part No. - A-874L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-871F MACOM-A-871F Datasheet
48Kb / 1P
A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
logo
Molex Electronics Ltd.
A-8724-12C574 MOLEX-A-8724-12C574 Datasheet
32Kb / 2P
Obsolete
05/17/2011
logo
Tyco Electronics
A-876M MACOM-A-876M Datasheet
39Kb / 1P
A-876M SPDT N.C., 300 Amps, 28 VDC
More results


Similar Description - A-874L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-138DL MACOM-B-138DL Datasheet
104Kb / 1P
B-138DL 3PST N.O., 50 Amps, 200 VAC, 400 Hz
B-429A-1 MACOM-B-429A-1 Datasheet
84Kb / 1P
B-429A-1 3PST N.O., 300 Amps,115/200 VAC, 400 Hz
B-451 MACOM-B-451 Datasheet
88Kb / 1P
B-451 3PST, Magnetic Latch, 175 Amps,115/200 VAC, 400 Hz
B-484 MACOM-B-484 Datasheet
102Kb / 1P
B-484 3PST, Magnetic Latch, 500 Amps,115/200 VAC, 400 Hz
BH-201B MACOM-BH-201B Datasheet
49Kb / 1P
BH-201B 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
BP-353 MACOM-BP-353 Datasheet
58Kb / 1P
BP-353 3PST N.O., 50 Amps, 115/200 VAC, 400 Hz
BP-494 MACOM-BP-494 Datasheet
58Kb / 1P
BP-494 3PST N.O., 275 Amps,115/200 VAC, 400 Hz
BPE-494 MACOM-BPE-494 Datasheet
74Kb / 1P
BPE-494 3PST N.O. ELCU, 175 Amps,115/200 VAC, 400 Hz
BR-301AY MACOM-BR-301AY Datasheet
65Kb / 1P
BR-301AY 3PST N.O., 200 Amps, 115/200 VAC, 400 Hz
D-100A MACOM-D-100A Datasheet
52Kb / 1P
D-100A 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com