Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5132 Datasheet (PDF) - ON Semiconductor

CAT5132 Datasheet PDF - ON Semiconductor
Part # CAT5132
Download  CAT5132 Download
File Size   163.89 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface

CAT5132 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5132 Datasheet PDF - ON Semiconductor

Part # CAT5132
Download  CAT5132 Click to download

File Size   163.89 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface

CAT5132 Datasheet (HTML) - ON Semiconductor


CAT5132 Product details

Description
The CAT5132 is a high voltage digital POT with non-volatile wiper setting memory, operating like a mechanical potentiometer. The tap points between the 127 equal resistive elements are connected to the wiper output via CMOS switches. The switches are controlled by a 7-bit Wiper Control Register (WCR). The wiper setting can be stored in a 7-bit non-volatile Data Register (DR). The WCR is accessed via the I2C serial bus.

Features
• Single Linear Digital Potentiometer with 128 Taps
• End-to-end Resistance of 10 kΩ, 50 kΩ or 100 kΩ
• I2C Interface
• Fast Up/Down Wiper Control Mode
• Non-volatile Wiper Setting Storage
• Automatic Wiper Setting Recall at Power−up
• Digital Supply Range (VCC): 2.7 V to 5.5 V
• Analog Supply Range (V+): +8 V to +16 V
• Low Standby Current: 15 μA
• 100 Year Wiper Setting Memory
• Industrial Temperature Range: −40°C to +85°C
• 10-pin MSOP Package
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• LCD Screen Adjustment
• Volume Control
• Mechanical Potentiometer Replacement
• Gain Adjustment
• Line Impedance Matching
• VCOM Setting Adjustments




Similar Part No. - CAT5132

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
CAT5132 CATALYST-CAT5132 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
540Kb / 14P
16 Volt Digitally Programmable Potentiometer
CAT5132 CATALYST-CAT5132 Datasheet
205Kb / 14P
16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
165Kb / 12P
16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
More results


Similar Description - CAT5132

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com