Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC05RC8 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC05RC8 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC05RC8
Download  MC68HC05RC8 Download

File Size   2968.32 Kbytes
Page   122 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

MC68HC05RC8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC05RC8 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC05RC8
Download  MC68HC05RC8 Click to download

File Size   2968.32 Kbytes
Page   122 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description General Release Specification

MC68HC05RC8 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC68HC05RC8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC05RC8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC05RC8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC05RC8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC05RC8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC05RC8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC05RC8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC05RC8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC05RC8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC05RC8 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC68HC05RC8 Product details

General Description

Introduction

The MC68HC05RC16 is a low-cost addition to the M68HC05 Family of microcontrollers (MCUs) and is suitable for remote control applications. This device contains the HC05 central processing unit (CPU) core, including the 14-stage core timer with real-time interrupt (RTI) and computer operating properly (COP) watchdog systems. On-chip peripherals include a carrier modulator transmitter. The 16-kbyte memory map has 15,936 bytes of user ROM and 352 bytes of RAM. There are 20 input/output (I/O) lines (eight having keyscan pullups/interrupts) and a low-power reset pin. This device is available in 28-pin small outline integrated circuit (SOIC), 28-pin dual in-line (DIP), and 44-pin plastic leaded chip carrier (PLCC) packages. Four additional I/O lines are available for bond out on the higher pin count package.



Features

Features for the MC68HC05RC16 include:

• Low Cost

• HC05 Core

• 28-Pin Plastic Dual In-Line (PDIP), Small Outline Integrated Circuit (SOIC), or Plastic Leaded Chip Carrier (PLCC) Packages

• On-Chip Oscillator with Crystal/Ceramic Resonator

• 4-MHz Maximum Oscillator Frequency at 5 V and 2.2 V Supply

• Fully Static Operation

• 15,936 Bytes of User ROM

• 64 Bytes of Burn-In ROM

• 352 Bytes of On-Chip RAM

• 14-Stage Core Timer with Real-Time Interrupt (RTI) and Computer Operating Properly (COP) Watchdog Circuits

• Carrier Modulator Transmitter Supporting Baseband, Pulse Length Modulator (PLM), and Frequency Shift Keying (FSK) Protocols

• Low-Power Reset Pin

• 20 Bidirectional I/O Lines (Four Additional I/O Lines Available for Bond Out in 44-Lead PLCC Package)

• Mask Programmable Pullups and Interrupts on Eight Port Pins (PB0–PB7)

• High-Current Infrared (IR) Drive Pin

• High-Current Port Pin (PC0)

• Power-Saving Stop and Wait Modes

• Mask Selectable Options:

   – COP Watchdog Timer

   – STOP Instruction Disable

   – Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger

   – Port B Pullups for Keyscan

• Illegal Address Reset

• ROM Security Feature



 




Similar Part No. - MC68HC05RC8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
   General Release Specification
REV. 3.0
MC68HC05RC8DW NXP-MC68HC05RC8DW Datasheet
1Mb / 122P
   General Release Specification
REV. 3.0
MC68HC05RC8FN NXP-MC68HC05RC8FN Datasheet
1Mb / 122P
   General Release Specification
REV. 3.0
MC68HC05RC8P NXP-MC68HC05RC8P Datasheet
1Mb / 122P
   General Release Specification
REV. 3.0
More results


Similar Description - MC68HC05RC8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
   General Release Specification
logo
Freescale Semiconductor...
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
   General Release Specification
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
   General Release Specification
REV. 2.0
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
   General Release Specification
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
   General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
   General Release Specification
REV. 3.0
logo
Freescale Semiconductor...
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
   SPECIFICATION (General Release)
68HC05P9A FREESCALE-68HC05P9A_1 Datasheet
1Mb / 90P
   SPECIFICATION(General Release)
68HC08KL8 FREESCALE-68HC08KL8 Datasheet
2Mb / 256P
   General Release Specification
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com