Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1214A Datasheet (PDF) - ON Semiconductor

CM1214A Datasheet PDF - ON Semiconductor
Part # CM1214A
Download  CM1214A Download
File Size   437.92 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1- and 2-Channel PicoGuard AC Signal ESD Protector

CM1214A Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1214A Datasheet PDF - ON Semiconductor

Part # CM1214A
Download  CM1214A Click to download

File Size   437.92 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1- and 2-Channel PicoGuard AC Signal ESD Protector

CM1214A Datasheet (HTML) - ON Semiconductor


CM1214A Product details

Product Description
The CM1214A ESD protector is used to protect bipolar signal lines against electrostatic discharge (ESD). The CM1214A allows operation in high−speed environments with signals levels up to ±5 V.

Features
• Single Channel ESD Protection for an AC Signal Up To ±5 V for 0.25 W Transmit Power
• Connects Two Channels in Series for Signals Up To ±10 V (1 W transmit power)
• ±8 kV ESD Protection Per IEC 61000−4−2 Contact Discharge
• Sub−1pF Loading Capacitance
• Minimal Variation with Voltage and Temperature
• Each I/O Pin Can Withstand Over 1000 ESD Strikes*
• SOT23−3 and MSOP−8 Packages
• These Devices are Pb−Free and are RoHS Compliant

Applications
• RF Switch and Amplifier Protection
• RF Modules and RF IC Protection
• Wireless Handsets and WLAN
• High−Speed AC Signals for Gbit Ethernet, etc.




Similar Part No. - CM1214A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A Datasheet
362Kb / 9P
1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
logo
California Micro Device...
CM1214A-01SO CALMIRCO-CM1214A-01SO Datasheet
313Kb / 9P
1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214A-01SO ONSEMI-CM1214A-01SO Datasheet
362Kb / 9P
1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
logo
California Micro Device...
CM1214A-02MR CALMIRCO-CM1214A-02MR Datasheet
313Kb / 9P
1 and 2 Channel PicoGuardTM AC Signal ESD Protector
More results


Similar Description - CM1214A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM1214 ETC-CM1214 Datasheet
321Kb / 10P
1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
1-Channel ESD Protector
October, 2011 ??Rev. P6
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
1-Channel ESD Protector
November, 2011 ??Rev. P1
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
1-Channel ESD Protector
May, 2011 ??Rev. 3
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
1-Channel ESD Protector
June, 2012 ??Rev. 4
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com