Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1219 Datasheet (PDF) - ON Semiconductor

CM1219 Datasheet PDF - ON Semiconductor
Part # CM1219
Download  CM1219 Download
File Size   100.53 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Capacitance Transient Voltage Suppressors / ESD Protectors

CM1219 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1219 Datasheet PDF - ON Semiconductor

Part # CM1219
Download  CM1219 Click to download

File Size   100.53 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Capacitance Transient Voltage Suppressors / ESD Protectors

CM1219 Datasheet (HTML) - ON Semiconductor


CM1219 Product details

Description
The CM1219 family of devices features transient voltage suppressor arrays that provide a very high level of protection for sensitive electronic components which may be subjected to electrostatic discharge (ESD).

Features
• Functionally and Pin Compatible with CMD’s PACDN1408 ESD Protection Device
• Low I/O Capacitance at 4 pF Typical
• In−system ESD Protection to ±8 kV Contact Discharge, per the IEC 61000−4−2 International Standard
• Five Channels of ESD Protection
• Compact SMT Package Saves Board Space and Facilitates Layout in Space−critical Applications
• Each I/O Pin Can Withstand over 1000 ESD Strikes*
• These are Pb−Free Devices

Applications
• High−speed Consumer Electronic Ports
• ESD Protection of PC Ports, Including USB Ports, Serial Ports, Parallel Ports, IEEE1394 Ports, Docking Ports, Proprietary Ports, etc.
• Protection of Interface Ports or IC Pins which are Exposed to High ESD Levels




Similar Part No. - CM1219

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
CM1219-02S7 CALMIRCO-CM1219-02S7 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
CM1219-02SC CALMIRCO-CM1219-02SC Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
CM1219-02SO CALMIRCO-CM1219-02SO Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
CM1219-02ST CALMIRCO-CM1219-02ST Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
More results


Similar Description - CM1219

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com