Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSW5DK3131A Datasheet (PDF) - OptoSupply International

OSW5DK3131A Datasheet PDF - OptoSupply International
Part # OSW5DK3131A
Download  OSW5DK3131A Download
File Size   105.84 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3mm Round Pure White LED

OSW5DK3131A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSW5DK3131A Datasheet PDF - OptoSupply International

Part # OSW5DK3131A
Download  OSW5DK3131A Click to download

File Size   105.84 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3mm Round Pure White LED

OSW5DK3131A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSW5DK3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
3mm Tower Cool White LED
More results


Similar Description - OSW5DK3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5DA3131A OPTOSUPPLY-OSG5DA3131A Datasheet
99Kb / 1P
3mm Round Pure Green LED
OSW5DA3131A OPTOSUPPLY-OSW5DA3131A Datasheet
99Kb / 1P
3mm Round Pure White LED
OSW5DA4131A OPTOSUPPLY-OSW5DA4131A Datasheet
99Kb / 1P
4mm Round Pure White LED
OSW5DA5111A OPTOSUPPLY-OSW5DA5111A Datasheet
99Kb / 1P
5mm Round Pure White LED
OSW5DA8131A OPTOSUPPLY-OSW5DA8131A Datasheet
96Kb / 1P
8mm Round Pure White LED
OSW5DL3111P OPTOSUPPLY-OSW5DL3111P Datasheet
97Kb / 1P
Deluxe Power 3mm Round Pure White LED
OSW5DL3131A OPTOSUPPLY-OSW5DL3131A Datasheet
99Kb / 1P
3mm Round Pure White LED
OSW5DK4131A OPTOSUPPLY-OSW5DK4131A Datasheet
105Kb / 1P
4mm Round Pure White LED
OSW5DK8131A OPTOSUPPLY-OSW5DK8131A Datasheet
102Kb / 1P
8mm Round Pure White LED
OSG5DA3131A OPTOSUPPLY-OSG5DA3131A_09 Datasheet
105Kb / 1P
3mm Round Pure Green LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com