Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSW573A131U Datasheet (PDF) - OptoSupply International

OSW573A131U Datasheet PDF - OptoSupply International
Part # OSW573A131U
Download  OSW573A131U Download
File Size   138.49 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Premium Power 10mm Round Pure White LED

OSW573A131U Datasheet (PDF)

Go To PDF Page Download Datasheet
OSW573A131U Datasheet PDF - OptoSupply International

Part # OSW573A131U
Download  OSW573A131U Click to download

File Size   138.49 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Premium Power 10mm Round Pure White LED

OSW573A131U Datasheet (HTML) - OptoSupply International




Similar Part No. - OSW573A131U

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5735141R OPTOSUPPLY-OSW5735141R Datasheet
136Kb / 1P
Tpower 5mm Round Pure White LED
OSW573S3C1A OPTOSUPPLY-OSW573S3C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Pure White Power Top SMD LED
More results


Similar Description - OSW573A131U

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5D3A131U OPTOSUPPLY-OSG5D3A131U Datasheet
100Kb / 1P
Premium Power 10mm Pure Green LED
OSM5D3A131U OPTOSUPPLY-OSM5D3A131U Datasheet
100Kb / 1P
Premium Power 10mm Warm White LED
OSW5D3A131U OPTOSUPPLY-OSW5D3A131U Datasheet
100Kb / 1P
Premium Power 10mm Pure White LED
OSW5DAA131A OPTOSUPPLY-OSW5DAA131A Datasheet
96Kb / 1P
10mm Round Pure White LED
OSW5DLA131A OPTOSUPPLY-OSW5DLA131A Datasheet
96Kb / 1P
10mm Round Pure White LED
OSG583A131U OPTOSUPPLY-OSG583A131U Datasheet
138Kb / 1P
Premium Power 10mm Round Pure Green LED
OSK573A131U OPTOSUPPLY-OSK573A131U Datasheet
138Kb / 1P
Premium Power 10mm Round Pink LED
OSM573A131U OPTOSUPPLY-OSM573A131U Datasheet
138Kb / 1P
Premium Power 10mm Round Warm White LED
OSW5DKA131A OPTOSUPPLY-OSW5DKA131A Datasheet
137Kb / 1P
10mm Round Pure White LED
OSY5PAA131A OPTOSUPPLY-OSY5PAA131A_09 Datasheet
157Kb / 1P
10mm Round Premium Yellow LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com