Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-311P Datasheet (PDF) - Tyco Electronics

E-311P Datasheet PDF - Tyco Electronics
Part # E-311P
Download  E-311P Download
File Size   54.91 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-311P 2PDT, 10 Amps, 28 VDC

E-311P Datasheet (PDF)

Go To PDF Page Download Datasheet
E-311P Datasheet PDF - Tyco Electronics

Part # E-311P
Download  E-311P Click to download

File Size   54.91 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-311P 2PDT, 10 Amps, 28 VDC

E-311P Datasheet (HTML) - Tyco Electronics




Similar Part No. - E-311P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E-312A-I MACOM-E-312A-I Datasheet
32Kb / 1P
E-312A-I 2PDT, 10 Amps, 440 VAC
E-312P MACOM-E-312P Datasheet
62Kb / 1P
E-312P SPDT, 5 Amps, 28 VDC
More results


Similar Description - E-311P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SD130A MACOM-SD130A Datasheet
50Kb / 1P
SPST, 400 Amps, 28 VDC
A-712T MACOM-A-712T Datasheet
67Kb / 1P
DC Relays 600 Amps, 28 VDC
A-1019 MACOM-A-1019 Datasheet
51Kb / 1P
2PDT, Center Off, 300 Amps, 28 VDC
C-8B MACOM-C-8B Datasheet
58Kb / 1P
C-8B 2PDT N.C., 15 Amps,28 VDC, 60 or 400 Hz
CH-27 MACOM-CH-27 Datasheet
39Kb / 1P
CH-27 2PDT, .75 Amp, 28 VDC
E-55 MACOM-E-55 Datasheet
34Kb / 1P
E-55 4PDT,2 Amps, 28 VDC
E-308 MACOM-E-308 Datasheet
42Kb / 1P
E-308 SPDT, 3 Amps, 28 VDC
E-312A-I MACOM-E-312A-I Datasheet
32Kb / 1P
E-312A-I 2PDT, 10 Amps, 440 VAC
E-312P MACOM-E-312P Datasheet
62Kb / 1P
E-312P SPDT, 5 Amps, 28 VDC
E-384 MACOM-E-384 Datasheet
40Kb / 1P
E-384 SPDT, 3 Amps, 28 VDC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com