Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1410 Datasheet (PDF) - ON Semiconductor

CM1410 Datasheet PDF - ON Semiconductor
Part # CM1410
Download  CM1410 Download
File Size   354.16 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel Headset EMI Filter Array with ESD Protection

CM1410 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1410 Datasheet PDF - ON Semiconductor

Part # CM1410
Download  CM1410 Click to download

File Size   354.16 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel Headset EMI Filter Array with ESD Protection

CM1410 Datasheet (HTML) - ON Semiconductor


CM1410 Product details

Product Description

The CM1410 is a quad low-pass filter array integrating four pi-style filters (C-R-C) that reduce EMI/RFI emissions while at the same time providing ESD protection. This device is custom-designed to interface with the headset port on a cellular telephone, and contains three different filter values. Each high quality filter provides more than 20dB attenuation in the 800-2700 MHz range. These pi style filters support bidirectional filtering, controlling EMI both to and from the microphone and speaker elements. They also support bipolar signals, enabling audio signals to pass through without distortion.



Features

• Functionally and pin compatible with the CSPEMI200A device

• Pi-style EMI filters in a capacitor-resistor capacitor (C-R-C) network

• Four channels of EMI filtering with ESD protection

• Includes one channel of ESD-only protection

• Greater than 30dB attenuation at 1GHz

• +8kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)

• +15kV ESD protection on each channel (HBM)

• Supports bipolar signals—ideal for audio applications

• Chip Scale Package features extremely low lead inductance for optimum filter and ESD performance

• 11-bump, 2.046mm X 1.436mm footprint Chip Scale Package (CSP)

• Optiguard coated for improved reliability at assembly

• RoHS-compatible, lead-free packaging



Applications

• EMI filtering and ESD protection for audio ports

• Wireless handsets

• Handheld PCs / PDAs

• MP3 players

• Digital camcorders

• Notebooks

• Desktop PCs



 




Similar Part No. - CM1410

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1410 CALMIRCO-CM1410 Datasheet
493Kb / 7P
4 Channel Headset EMI Filter with ESD Protection
CM1410-03CP CALMIRCO-CM1410-03CP Datasheet
493Kb / 7P
4 Channel Headset EMI Filter with ESD Protection
CM1410-03CS CALMIRCO-CM1410-03CS Datasheet
493Kb / 7P
4 Channel Headset EMI Filter with ESD Protection
More results


Similar Description - CM1410

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1415 CALMIRCO-CM1415 Datasheet
253Kb / 7P
3 Channel Headset EMI Filter with ESD Protection
CSPEMI205 CALMIRCO-CSPEMI205 Datasheet
695Kb / 7P
3 Channel Headset EMI Filter with ESD Protection
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
4 Channel EMI Filter Array with ESD Protection
CM1410 CALMIRCO-CM1410 Datasheet
493Kb / 7P
4 Channel Headset EMI Filter with ESD Protection
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
2 Channel Headset EMI Filter with ESD Protection
CSPEMI200A CALMIRCO-CSPEMI200A Datasheet
485Kb / 7P
4 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1412 ONSEMI-CM1412 Datasheet
219Kb / 9P
2-Channel Headset/Microphone EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com